công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ENC424J600 bảng dữ liệu(PDF) 45 Page - Microchip Technology

tên linh kiện ENC424J600
Giải thích chi tiết về linh kiện  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 bảng dữ liệu(HTML) 45 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 41Page - Microchip Technology ENC424J600 Datasheet HTML 42Page - Microchip Technology ENC424J600 Datasheet HTML 43Page - Microchip Technology ENC424J600 Datasheet HTML 44Page - Microchip Technology ENC424J600 Datasheet HTML 45Page - Microchip Technology ENC424J600 Datasheet HTML 46Page - Microchip Technology ENC424J600 Datasheet HTML 47Page - Microchip Technology ENC424J600 Datasheet HTML 48Page - Microchip Technology ENC424J600 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 168 page
background image
 2010 Microchip Technology Inc.
DS39935C-page 43
ENC424J600/624J600
4.5
Three-Byte Instructions
All three-byte instructions are designed to quickly read
or update the Read and Write Pointers used to access
the SRAM buffer area. Unlike the single byte instruc-
tions and RBSEL, each instruction in this group has
distinct read and write implementations.
For read commands (shown in Figure 4-3), the opcode
byte (‘011xxx10’) must be presented on the SI pin,
MSb first, followed by “don’t care” values for the second
and third bytes (9th through 24th SCK rising edges).
Response data is returned on the SO line during the
second and third bytes.
Data on the SO line is also presented in MSb first bit
ordering. However, read commands are intended to
read a 16-bit pointer in little-endian byte ordering.
Therefore, the first byte on the SO line (returned during
SCK clocks, 9 through 16) is the lower byte of the 16-bit
pointer and is followed by the upper byte (returned
during SCK clocks 17 through 24).
Read operations do not affect the ENCX24J600
device’s internal state, and therefore, can be aborted at
any time by deasserting chip select.
For write commands (shown in Figure 4-4), the opcode
byte (‘011xxx00’) must be presented on the SI line,
MSb first, followed immediately by the pointer data to
be written. Like the data returned during a read
operation, the write data must be presented MSb first,
Least Significant Byte first.
If the application only needs to write to the lower byte of
a 16-bit pointer, it can optionally skip the upper byte by
raising chip select after the 16th clock pulse and allowing
adequate chip select hold time to elapse. The hardware
would then update the lower byte of the pointer while
maintaining the original value in the upper byte.
During write operations, the device actively drives the
SO line while the chip select line is active. The value
during this interval is to be ignored.
All three-byte instructions, including read operations,
are considered to be finished at the end of the 24th
SCK clock (if reached). The host controller may issue
another SPI instruction or multiple fixed length
instructions without deasserting chip select.
There are 12 three-byte instructions, which are divided
equally between read and write instructions. They are
listed in Table 4-3.
FIGURE 4-3:
THREE-BYTE READ INSTRUCTION TIMING
FIGURE 4-4:
THREE-BYTE WRITE INSTRUCTION TIMING
CS
SCK
SI
SO
x
x
x
x
x
x
x
x
Hi-Z
Hi-Z
x
D7 D6 D5
1
1
0
c4 c3 c2 1
d7 d6 d5 d4 d3 d2 d1 d0
D4 D3 D2 D1 D0
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Opcode
Read Low Byte
Read High Byte
(optional)
CS
SCK
SI
SO
x
x
x
x
x
x
x
x
Hi-Z
d5 d4 d3 d2 d1
Hi-Z
x
d6
d7
d0
x
x
x
D0
1
1
0
c4 c3 c2 0
D7 D6 D5 D4 D3 D2 D1
x
x
x
x
x
x
x
x
x
x
x
x
x
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Opcode
Write Low Byte
Write High Byte
(optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com