| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ENC424J600 bảng dữ liệu(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ENC424J600 bảng dữ liệu(HTML) 8 Page - Microchip Technology |
|
8 / 168 page ![]() ENC424J600/624J600 DS39935C-page 6 2010 Microchip Technology Inc. FIGURE 1-1: ENC424J600/624J600 BLOCK DIAGRAM 24 Kbytes DMA and Checksum TX Control RX Control Arbiter Flow Control Host Interface Control Registers 25 MHz Power-on PHY MII Interface MIIM Interface TPOUT+ TPOUT- TPIN+ TPIN- TX RX RBIAS OSC1 OSC2 Control Logic CS/CS SI/RD/RW SO SCK/AL INT VCAP CLKOUT LEDA LEDB RX Filter MAC m3 m1 SRAM Note 1: A<14:0>, AD15, WRL/B0SEL, WRH/B1SEL and PSPCFG<4:1> are available on 64-pin devices only. PSPCFG0 is available on 44-pin devices only. Reset Oscillator I/O Interface AD<15:0>(1) A<14:0>(1) Logic Logic Crypto Cores Memory Bus Interface SPISEL PSPCFGx(1) EN/B0SEL(1) WR/WRL/ WRH/ B1SEL(1) m0 m2 PLL Voltage Regulator |