công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ENC424J600 bảng dữ liệu(PDF) 71 Page - Microchip Technology

tên linh kiện ENC424J600
Giải thích chi tiết về linh kiện  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 bảng dữ liệu(HTML) 71 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 67Page - Microchip Technology ENC424J600 Datasheet HTML 68Page - Microchip Technology ENC424J600 Datasheet HTML 69Page - Microchip Technology ENC424J600 Datasheet HTML 70Page - Microchip Technology ENC424J600 Datasheet HTML 71Page - Microchip Technology ENC424J600 Datasheet HTML 72Page - Microchip Technology ENC424J600 Datasheet HTML 73Page - Microchip Technology ENC424J600 Datasheet HTML 74Page - Microchip Technology ENC424J600 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 168 page
background image
 2010 Microchip Technology Inc.
DS39935C-page 69
ENC424J600/624J600
5.3.8
MODE 10
PSP Mode 10 is also a 16-bit, fully-multiplexed mode
that is available on 64-pin devices only. The parallel
interface consists of 16 bidirectional data pins
(AD<15:0>); the lower 14 (AD<13:0>) also function as
address pins. To select PSP Mode 10, tie PSPCFG1,
PSPCFG2 and PSPCFG3 to VDD. Figure 5-22 shows
the connections required.
This mode uses an active-high Read/Write (R/W)
select and two Byte Select (B0SEL and B1SEL)
strobes in conjunction with separate Chip Select (CS)
and Address Latch (AL) inputs. These five pins allow
the host to select the device, latch an address, select
either a read or write operation, then assert the proper
Byte Select strobe(s) to perform the operation.
A logic high signal on the R/W pin indicates that a read
operation is to be performed when either the B0SEL or
B1SEL strobe is asserted, while a logic low signal
indicates that a write operation is to be performed. For
proper operation while the ENCX24J600 is selected,
the host controller should not assert AL while
simultaneously asserting either B0SEL or B1SEL.
The state of R/W only affects the AD<15:0> bus state
when either B0SEL or B1SEL is active. When CS is
driven low, R/W is driven low, or both B0SEL and
B1SEL are driven low, AD<15:0> stays in a
high-impedance state.
To perform a read operation:
1.
Raise CS (if connected to the host).
2.
Present the address to be read onto AD<13:0>.
3.
Strobe AL high, then low.
4.
Raise R/W.
5.
Set the host controller’s AD<15:0> bus pins as
inputs.
6.
Raise either B0SEL or B1SEL, or both.
When either BxSEL pin is raised high, the AD<15:0>
bus begins driving out indeterminate data for a brief
period, then switches to the correct read data after the
appropriate read access time has elapsed. When
B0SEL and B1SEL are both low, AD<15:0> return to a
high-impedance state.
The device always outputs a full 16 bits of data for each
read request, even if only one byte select is strobed. If
only 8 bits of data are required, read the data from the
correct pins (AD<15:8> or AD<7:0>) and discard the
remaining byte.
To perform a write operation:
1.
Raise CS (if connected to the host).
2.
Present the address to write to on AD<13:0>.
3.
Strobe AL.
4.
Lower R/W.
5.
If writing to the low byte of the memory location,
present the data on AD<7:0>, then strobe
B0SEL.
6.
If writing to the high byte, present the data on
AD<15:8>, then strobe the B1SEL signal.
7.
If writing a whole word, strobe both B0SEL and
B1SEL simultaneously.
If a subsequent read or write of the same memory
address is desired, it is possible to restrobe B0SEL or
B1SEL without going through another address latch
cycle.
Sample timing diagrams for reading and writing data in
this mode are provided in Figure 5-23 and Figure 5-24,
respectively.
FIGURE 5-22:
DEVICE CONNECTIONS FOR PSP MODE 1
Host MCU
ENC624J600
AD<15:0>
PMD<15:0>
16
100 k
INT/SPISEL
INTx(3)
PSPCFG1
PSPCFG2
PSPCFG3
+3.3V
CS(1)
R/W
B0SEL
PMCSx
PMRD/PMWR
PMENB0
B1SEL(2)
PMENB1
(2)
AL
PMALL
Note 1:
Use of the CS strobe from the controller is optional. If not used, tie CS to VDD.
2:
B0SEL and B1SEL may optionally be tied together to form a 16-bit write strobe. See Section 5.2.3 “Write Select Pins” for
details.
3:
Use of the external interrupt signal to the controller is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com