công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ENC424J600 bảng dữ liệu(PDF) 57 Page - Microchip Technology

tên linh kiện ENC424J600
Giải thích chi tiết về linh kiện  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 bảng dữ liệu(HTML) 57 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 53Page - Microchip Technology ENC424J600 Datasheet HTML 54Page - Microchip Technology ENC424J600 Datasheet HTML 55Page - Microchip Technology ENC424J600 Datasheet HTML 56Page - Microchip Technology ENC424J600 Datasheet HTML 57Page - Microchip Technology ENC424J600 Datasheet HTML 58Page - Microchip Technology ENC424J600 Datasheet HTML 59Page - Microchip Technology ENC424J600 Datasheet HTML 60Page - Microchip Technology ENC424J600 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 168 page
background image
 2010 Microchip Technology Inc.
DS39935C-page 55
ENC424J600/624J600
5.3.2
MODE 2
PSP Mode 2 is also an 8-bit, fully demultiplexed mode
that is available on 64-pin devices only. The parallel
interface consists of 8 bidirectional data pins (AD<7:0>)
and 9 to 15 separate address pins (A<14:0>). To select
PSP Mode 2, tie PSPCFG2 and PSPCFG3 to VSS,
while connecting PSPCFG4 to VDD. Figure 5-4
demonstrates connections required to use Mode 2.
This mode uses a combined Read/Write (R/W) select,
an Enable (EN) strobe pin and a separate Chip Select
pin (CS). These three pins allow the host to select the
device, indicate whether a read or write operation is
desired and signal when valid data is being presented
A logic high signal on the R/W pin indicates that a read
operation is to be performed when the EN strobe is
asserted, while a logic low indicates that a write opera-
tion is to be performed. The state of R/W only affects
the data bus state when the EN signal is active. When
either CS, EN or R/W is driven low, the data bus stays
in a high-impedance state.
To perform a read operation:
1.
Raise the CS line (if connected to the host).
2.
Raise the R/W signal.
3.
Present the address to be read onto the address
bus.
4.
Raise the EN strobe.
5.
Wait the required time for the access to occur.
When EN is raised high, the data bus begins to drive
out indeterminate data for a brief period, then switches
to the correct read data after the appropriate read
access time has elapsed. When the EN strobe is low-
ered, the data bus pins return to a high-impedance
state.
To perform a write operation:
1.
Raise the CS line (if connected to the host).
2.
Lower the R/W signal.
3.
Present the address onto the address bus.
4.
Present the data on the data bus.
5.
Strobe the EN signal high and then low.
Sample timing diagrams for reading and writing data in
this mode are provided in Figure 5-5 and Figure 5-6,
respectively.
FIGURE 5-4:
DEVICE CONNECTIONS FOR PSP MODE 2
Host MCU
ENC624J600
CS(1)
R/W
100 k
EN
A<14:9>(2)
A<8:0>
AD<7:0>
INT/SPISEL
PMCSx
PMRD/PMWR
PMENB
PMA<14:9>
PMA<8:0>
PMD<7:0>
INTx(3)
6
9
8
PSPCFG2
PSPCFG3
PSPCFG4
+3.3V
Note 1:
Use of the CS strobe from the controller is optional. If not used, tie CS to VDD.
2:
Connect these pins when direct addressing of the entire SRAM buffer is required. Tie to VDD when only indirect
addressing is desired.
3:
Use of the external interrupt signal to the controller is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com