| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ARMV4T bảng dữ liệu(PDF) 5 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
ARMV4T bảng dữ liệu(HTML) 5 Page - Actel Corporation |
|
5 / 30 page ![]() CoreMP7 v2.6 5 The signals of the CoreMP7 are listed in Table 2. Figure 3 • CoreMP7 Functional Diagram CLK Clock Interrupts Bus Control Arbitration Debug CLKEN nIRQ nFIQ nRESET CFGBIGEND DMORE LOCK DBGINSTRVALID DBGRQ DBGBREAK DBGACK DBGnEXEC DBGEXT[1] DBGEXT[0] DBGEN DBGRNG[1] DBGRNG[0] DBGCOMMRX DBGCOMMTX DBGTCKEN DBGTMS DBGTDI DBGnTRST DBGTDO DBGnTDOEN ADDR[31:0] WDATA[31:0] RDATA[31:0] ABORT WRITE SIZE[1:0] PROT[1:0] TRANS[1:0] CPnTRANS CPnOPC CPnMREQ CPSEQ CPTBIT CPnl CPA CPB Synchronized EmbeddedICE-RT Scan Debug Access Port Memory Interface Memory Management Interface Coprocessor Interface CoreARM7 Table 2 • Signal Descriptions Name Type Description ABORT Input Memory abort or bus error CFGBIGEND Input Big/Little Endian configuration CLK Input Clock CLKEN Input Clock enable CPA Input Coprocessor absent CPB Input Coprocessor busy DBGBREAK Input EICE breakpoint/watchband indicator DBGEN Input Debug enable DBGEXT[1:0] Input EICE external input 0 Note: The CoreMP7 is available with either the native ARM7 bus interface or with an AHB wrapper. The use of the AHB wrapper changes or transforms some of the signals in Table 2. This is discussed in detail later in this document. |