công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ARMV4T bảng dữ liệu(PDF) 26 Page - Actel Corporation

tên linh kiện ARMV4T
Giải thích chi tiết về linh kiện  CoreMP7
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACTEL [Actel Corporation]
Trang chủ  http://www.actel.com
Logo ACTEL - Actel Corporation

ARMV4T bảng dữ liệu(HTML) 26 Page - Actel Corporation

Back Button ARMV4T Datasheet HTML 22Page - Actel Corporation ARMV4T Datasheet HTML 23Page - Actel Corporation ARMV4T Datasheet HTML 24Page - Actel Corporation ARMV4T Datasheet HTML 25Page - Actel Corporation ARMV4T Datasheet HTML 26Page - Actel Corporation ARMV4T Datasheet HTML 27Page - Actel Corporation ARMV4T Datasheet HTML 28Page - Actel Corporation ARMV4T Datasheet HTML 29Page - Actel Corporation ARMV4T Datasheet HTML 30Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
CoreMP7
26
v2.6
The EmbeddedICE logic which implements the on-chip
debug function in the CoreMP7 debug architecture is
described in detail in the ARM7TDMI-S (rev 4) Technical
Reference Manual (ARM DDI0234A), published by ARM
Limited, and is available via Internet at www.arm.com.
The CoreMP7 debug architecture uses a JTAG port as a
method of accessing the core. The debug architecture
uses EmbeddedICE logic which resides on chip with the
CoreMP7 core. The EmbeddedICE has its own scan chain
that is used to insert watchpoints and breakpoints for
the CoreMP7. The EmbeddedICE logic consists of two
real-time watchpoint registers, together with a control
and status register. One or both of the watchpoint
registers can be programmed to halt the CoreMP7 core.
Execution is halted when a match occurs between the
values programmed into the EmbeddedICE logic and the
values currently appearing on the address bus, databus,
and some control signals. Any bit can be masked so that
its value does not affect the comparison. Either
watchpoint register can be configured as a watchpoint
(i.e., on a data access) or a break point (i.e., on an
instruction fetch). The watchpoints and breakpoints can
be combined such that:
•
The conditions on both watchpoints must be
satisfied before the CoreMP7 is stopped. The
CHAIN functionality requires two consecutive
conditions to be satisfied before the core is halted.
An example of this would be to set the first
breakpoint to trigger on an access to a peripheral
and the second to trigger on the code segment
that performs the task switching. Therefore the
breakpoints trigger the information regarding
which task has switched out that will be ready for
examination.
•
The watchpoints can be configured such that a
range
of
addresses
are
enabled
for
the
watchpoints to be active. The RANGE function
allows the breakpoints to be combined such that a
breakpoint is to occur if an access occurs in the
bottom 256 bytes of memory but not in the
bottom 32 bytes.
The CoreMP7 core has a Debug Communication Channel
function in-built. The debug communication channel
allows a program running on the target to communicate
with the host debugger or another separate host
without stopping the program flow or even entering the
debug state. The debug communication channel is
accessed as coprocessor 14 by the program running on
the CoreMP7 core. The debug communication channel
allows the JTAG port to be used for sending and
receiving data without affecting the normal program
flow. The debug communication channel data and
control registers are mapped in to addresses in the
EmbeddedICE logic.
Table 8 •
Debug Communication Channel Signals
Signal Name
Type
Description
TMS
Input
Test Mode Select. The TMS pin selects the next state in the TAP state machine.
TCK
Input
Test Clock. This allows shifting of the data in, on the TMS and TDI pins. It is a positive edge triggered
clock with the TMS and TCK signals that define the internal state of the device.
TDI
Input
Test Data In. This is the serial data input for the shift register.
TDO
Output
Test Data Output. This is the serial data output from the shift register. Data is shifted out of the device
on the negative edge of the TCK signal.
nTRST
Input
Test Reset.The nTRST pin can be used to reset the test logic within the EmbeddedICE logic.
RTCK
Output
Returned Test Clock. Extra signal added to the JTAG port. Required for designs based on COREMP7
processor core. Multi-ICE (development system from ARM) uses this signal to maintain synchronization
with targets having slow or widely varying clock frequency. For details, refer to the Multi-ICE System
Design Considerations Application Note 72 (ARM DAI 0072A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com