| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ARMV4T bảng dữ liệu(PDF) 18 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
ARMV4T bảng dữ liệu(HTML) 18 Page - Actel Corporation |
|
18 / 30 page ![]() CoreMP7 18 v2.6 Timing Shell The BFM incorporates a timing shell, which performs setup/hold checks on inputs and delays outputs by the appropriate amount from the rising clock edge. Example BFM Use Case This provides an example use case of the ARM7 BFM. The example SoC used in this section is the same as that shown in Figure 9 on page 15. In this system, the developer requires two Actel IP cores: the MAC 10/100 and the CoreUART. SPIRIT Attributes CoreConsole has access to a database of Actel IP cores and a list of attributes for each core. These attributes are organized according to the SPIRIT specification, in XML. For example, in the case of the CoreUART, the attributes would indicate that there are three registers, as in Table 4. Based on these attributes, CoreConsole can determine that when generating the BFM script, there are three locations corresponding to the UART that can be accessed. In this case, none of the registers are RW, so there will not be any self-checking that can be performed for the UART. Nevertheless, the bus transactions do take place and the cycles may be viewed in a waveform of the simulator. Memory Map The designer must feed in the memory map of the SoC to CoreConsole. During this stage, the absolute address ranges of the various system resources in the ARM7 memory map are fed in. Also, user-friendly instance names of these resources are fed in. For example, the user could feed the memory map information into CoreConsole that is given in Table 5. Based on the information in Table 5, CoreConsole generates the SoC subsystem corresponding to the Actel IP cores present. It also generates a BFM script, which accesses all the registers in the Actel IP cores. Processor Choice In this example, the user selects an ARM7 as the processor of choice in CoreConsole. The BFM in this specification only relates to ARM7. Bus Fabric Selection The user may select one of a number of bus fabrics in CoreConsole. For example, the user could select AMBA AHB-Lite. However, this selection is irrelevant for the ARM7 BFM, as it is concerned only with generating native ARM7 bus based transactions. Automatic BFM Scriptlet At this point, having run CoreConsole to completion, a BFM scriptlet is available. This would look something like the following: read B uart 0; write B uart 4 bb; read B uart 8; write B mac 30 11; readcheck B mac 11; Run BFM The developer can run the BFM with the automatic script or edit the script to put in bus transactions to/from any new logic that has been added to the SoC. For example, transactions to/from the registers in the new VideoCodec block could be added. The skeleton system-level testbench, generated by CoreConsole, could also be modified, to add some external resources (e.g., models of SSRAM and Flash) and some high-level tasks. Upon running the system simulation, messages appear in the console window of the simulation tool. Table 4 • CoreUART Attributes Offset Register Read/Write Width 0 Uart Status Register R Byte 1 Uart Tx data W Byte 2 Uart Rx data R Byte Table 5 • Memory Map Information Resource Actel IP Core Address Range ssram N 0-3fffff flash N 400000-7fffff uart Y c00000-c0000b mac Y d00000-d00040 videocodec N e00000-e000ff |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |