| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ARMV4T bảng dữ liệu(PDF) 17 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
ARMV4T bảng dữ liệu(HTML) 17 Page - Actel Corporation |
|
17 / 30 page ![]() CoreMP7 v2.6 17 read This command causes the BFM to perform a read of a specified offset, within the memory map range of a specified system resource. Syntax read width resource_name byte_offset; width This takes on the enumerated values of W, H, or B, for word, halfword, or byte. resource_name This is a string containing the user-friendly instance name of the resource being accessed, as defined by the user in the memory map (when input to CoreConsole). byte_offset This is the offset from the base of the resource, in bytes. It is specified as a hexadecimal value. Example read W videoCodec 20; readcheck This command causes the BFM to perform a read of a specified offset, within the memory map range of a specified system resource, and to compare the read value with the expected value provided. Syntax readcheck width resource_name byte_offset data; width This takes on the enumerated values of W, H, or B, for word, halfword, or byte. resource_name This is a string containing the user-friendly instance name of the resource being accessed, as defined by the user in the memory map (when input to CoreConsole). byte_offset This is the offset from the base of the resource, in bytes. It is specified as a hexadecimal value. data This is the expected read data. It is specified as a hexadecimal value. Example readcheck W videoCodec 20 11223344; poll This command continuously reads a specified location until a requested value is obtained. This command allows one or more bits of the read data to be masked out. This allows, for example, poll waiting for a ready bit to be set, while ignoring the values of the other bits in the location being read. Syntax poll width resource_name byte_offset data_bitmask; width This takes on the enumerated values of W, H, or B, for word, halfword, or byte. resource_name This is a string containing the user-friendly instance name of the resource being accessed. byte_offset This is the offset from the base of the resource, in bytes. It is specified as a hexadecimal value. bitmask The bitmask is ANDed with the read data and the result is then compared to the bitmask itself. If equal, then all the bits of interest are at their required value and the poll command is complete. If not equal, then the polling continues. wait This command causes the BFM script to stall for a specified number of clock periods. Syntax wait num_clock_ticks; num_clock_ticks This is the number of CoreMP7 clock periods, during which the BFM stalls (doesn't initiate any bus transactions). waitfiq This command causes the BFM to wait until an interrupt event (high to low transition) is seen on the nFIQ pin before proceeding with the execution of the remainder of the script. Syntax waitfiq; waitirq This command causes the BFM to wait until an interrupt event (high to low transition) is seen on the nIRQ pin before proceeding with the execution of the remainder of the script. Syntax waitirq; Supported Simulation Tools BFM is delivered to the user as both a Verilog and VHDL model. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |