công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS42L55 bảng dữ liệu(PDF) 45 Page - Cirrus Logic

tên linh kiện CS42L55
Giải thích chi tiết về linh kiện  Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L55 bảng dữ liệu(HTML) 45 Page - Cirrus Logic

Back Button CS42L55 Datasheet HTML 41Page - Cirrus Logic CS42L55 Datasheet HTML 42Page - Cirrus Logic CS42L55 Datasheet HTML 43Page - Cirrus Logic CS42L55 Datasheet HTML 44Page - Cirrus Logic CS42L55 Datasheet HTML 45Page - Cirrus Logic CS42L55 Datasheet HTML 46Page - Cirrus Logic CS42L55 Datasheet HTML 47Page - Cirrus Logic CS42L55 Datasheet HTML 48Page - Cirrus Logic CS42L55 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
DS773F1
45
CS42L55
6.5.2
32 kHz Sample Rate Group
Specifies whether or not the input/output sample rate is 8 kHz, 16 kHz or 32 kHz.
6.5.3
Internal MCLK/LRCK Ratio
Configures the internal MCLK/LRCK ratio.
6.6
Class H Power Control (Address 06h)
6.6.1
Adaptive Power Adjustment
Configures how the power to the headphone and line amplifiers adapts to the output signal level.
6.7
Miscellaneous Control (Address 07h)
6.7.1
Digital MUX
Selects the signal source for the ADC serial port.
32kGROUP
8 kHz, 16 kHz or 32 kHz sample rate?
0
No
1Yes
Application:
“Serial Port Clocking” on page 34
RATIO[1:0]
Internal MCLK Cycles per LRCK
00
Reserved
01
125
10
Reserved
11
136
Application:
“Serial Port Clocking” on page 34
7
6
5
432
10
Reserved
Reserved
ADPTPWR1
ADPTPWR0
Reserved
Reserved
Reserved
Reserved
ADPTPWR[1:0]
Power Supply
00
Adapted to volume setting; Voltage level is determined by the sum of the relevant volume settings
01
Fixed - Headphone and Line Amp supply = +/-VCP/2
10
Fixed - Headphone and Line Amp supply = +/-VCP
11
Adapted to Signal; Voltage level is dynamically determined by the output signal
Application:
“Class H Amplifier” on page 27
7
6
5
432
10
DIGMUX
Reserved
Reserved
Reserved
ANLGZC
DIGSFT
Reserved
FREEZE
DIGMUX
SDOUT Signal Source
0
ADC
1
DSP Mix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com