công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS42L55 bảng dữ liệu(PDF) 47 Page - Cirrus Logic

tên linh kiện CS42L55
Giải thích chi tiết về linh kiện  Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L55 bảng dữ liệu(HTML) 47 Page - Cirrus Logic

Back Button CS42L55 Datasheet HTML 43Page - Cirrus Logic CS42L55 Datasheet HTML 44Page - Cirrus Logic CS42L55 Datasheet HTML 45Page - Cirrus Logic CS42L55 Datasheet HTML 46Page - Cirrus Logic CS42L55 Datasheet HTML 47Page - Cirrus Logic CS42L55 Datasheet HTML 48Page - Cirrus Logic CS42L55 Datasheet HTML 49Page - Cirrus Logic CS42L55 Datasheet HTML 50Page - Cirrus Logic CS42L55 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
DS773F1
47
CS42L55
6.8.2
Line Input Select
Selects the specified analog input signal into line amplifier x.
Note:
The PGA path must not be selected while the Line Amplifier is powered down.
6.8.3
Headphone Input Select
Selects the specified analog input signal into headphone amplifier x.
Note:
The PGA path must not be selected while the Headphone Amplifier is powered down.
6.9
HPF Control (Address 09h)
6.9.1
ADCx High-Pass Filter
Configures the internal high-pass filter after ADCx.
6.9.2
ADCx High-Pass Filter Freeze
Configures the high pass filter’s digital DC subtraction and/or calibration after ADCx.
6.9.3
HPF x Corner Frequency
Sets the corner frequency (-3 dB point) for the internal High-Pass Filter (HPF).
LINExMUX
Selected Input to Line Amplifier Ch. x
0
DACx
1
PGAx - Use PGAxMUX bit (“PGA x Input Select” on page 49) to select an input channel.
HPxMUX
Selected Input to HP Amplifier Ch. x
0
DACx
1
PGAx - Use PGAxMUX bit (“PGA x Input Select” on page 49) to select an input channel.
7
6
5
432
10
HPFB
HPFRZB
HPFA
HPFRZA
HPFB_CF1
HPFB_CF0
HPFA_CF1
HPFA_CF0
HPFx
High Pass Filter Status
0
Disabled
1
Enabled
HPFRZx
High Pass Filter Digital Subtraction
0
Continuous DC Subtraction
1
Frozen DC Subtraction
HPFx_CF[1:0]
HPF Corner Frequency Setting (Fs=48 kHz)
00
1.8 Hz
01
119 Hz
10
236 Hz
11
464 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com