| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7643 bảng dữ liệu(PDF) 220 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7643 bảng dữ liệu(HTML) 220 Page - Renesas Technology Corp |
|
220 / 424 page ![]() Rev.2.00 Aug 28, 2006 page 99 of 202 7643 Group REJ09B0133-0200 APPLICATION 2.6 USB Fig. 2.6.4 Communication sequence of control transfer Control transfer q Control Read q Control Write q No control data Setup stage SETUP DATA0 Handshake Data stage IN DATA1/0 Handshake Status stage OUT DATA1 Handshake Setup stage SETUP DATA0 Handshake Data stage OUT DATA1/0 Handshake Status stage IN DATA1 Handshake Setup stage SETUP DATA0 Handshake Status stage IN DATA1 Handshake : Device issue : Host issue (3) Communication sequence Each transfer type has a different transfer sequence, as described below. Control transfer communication sequence The control transfer is the common transfer type used at setup for all devices. Each transfer process consists of three different stages. The control transfer starts with the setup stage. Based on the contents of the Setup stage, the data stage (control Read transfer or control Write transfer) is executed. When the transfer is complete, the status stage is executed, completing one full process. Endpoint 0 is always used for control transfer. Figure 2.6.4 shows the communication sequence for a control transfer. |