công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7643 bảng dữ liệu(PDF) 221 Page - Renesas Technology Corp

tên linh kiện 7643
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 bảng dữ liệu(HTML) 221 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 217Page - Renesas Technology Corp 7643 Datasheet HTML 218Page - Renesas Technology Corp 7643 Datasheet HTML 219Page - Renesas Technology Corp 7643 Datasheet HTML 220Page - Renesas Technology Corp 7643 Datasheet HTML 221Page - Renesas Technology Corp 7643 Datasheet HTML 222Page - Renesas Technology Corp 7643 Datasheet HTML 223Page - Renesas Technology Corp 7643 Datasheet HTML 224Page - Renesas Technology Corp 7643 Datasheet HTML 225Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 100 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
Control Read transfer
After the SETUP transaction, the IN transaction is repeated to transmit data from the device to the
host (data stage). Then, in order to wait for the host to finish processing the data, an IN transaction
of data empty is executed (status stage).
Control Write transfer
After the SETUP transaction, the OUT transaction is repeated to transmit data from the host to the
device (data stage). Then, in order that host waits the device to finish processing the data, an IN
transaction of data empty is executed (status stage).
No data
After the SETUP transaction, if there is no request for data to be transmitted/received in the data
stage, in order that host waits for the device to finish processing, an IN transaction of data empty
is executed (status stage).
The status stage is used for reporting the results of the setup and data stage operations to the
host CPU. The responses used in the status stage are as follows.
- Function completed normally
Control Write transfer…Data packet
Control Read transfer…ACK handshake
- Error detected in function
Control Write transfer…STALL handshake
Control Read transfer…STALL handshake
- Function in busy state
Control Write transfer…NAK handshake
Control Read transfer…NAK handshake



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More