| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7643 bảng dữ liệu(PDF) 371 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7643 bảng dữ liệu(HTML) 371 Page - Renesas Technology Corp |
|
371 / 424 page ![]() 7643 Group REJ09B0133-0200 APPENDIX 3.5 Control registers Rev.2.00 Aug 28, 2006 page 48 of 98 Fig. 3.5.9 Structure of Port Pi Port Pi b7 b6 b5 b4 b3 b2 b1 b0 Port Pi (i = 0, 1, 2, 3, 5, 6, 8) (Pi : addresses 0816, 0A16, 0C16, 0E16, 1616, 1416, 1C16) b 0 1 2 4 Name 0 Functions At reset R W 0 0 0 0 Port Pi1 Port Pi3 Port Pi4 Port Pi2 5 0 Port Pi5 6 7 0 Port Pi6 Port Pi7 0 Port Pi0 3 qIn output mode Write •••••••• Port latch Read •••••••• Port latch qIn input mode Write •••••••• Port latch Read •••••••• Value of pin Port P4, Port P7 b7 b6 b5 b4 b3 b2 b1 b0 Port P4, Port P7 (P4, P7 : addresses 1816, 1A16) b 0 1 2 4 Name 0 Functions At reset R W 0 0 0 0 Port P41 or Port P71 Port P43 or Port P73 Port P44 or Port P74 Port P42 or Port P72 5 Undefined 6 7 Port P40 or Port P70 Nothing is arranged for these bits. When these bits are read out, the contents are undefined. 3 qIn output mode Write •••••••• Port latch Read •••••••• Port latch qIn input mode Write •••••••• Port latch Read •••••••• Value of pin Undefined ✕ ✕ ✕ ✕ ✕ ✕ Undefined Fig. 3.5.10 Structure of Port P4, Port P7 |