công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 854 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 854 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 850Page - Renesas Technology Corp H8S/2114R Datasheet HTML 851Page - Renesas Technology Corp H8S/2114R Datasheet HTML 852Page - Renesas Technology Corp H8S/2114R Datasheet HTML 853Page - Renesas Technology Corp H8S/2114R Datasheet HTML 854Page - Renesas Technology Corp H8S/2114R Datasheet HTML 855Page - Renesas Technology Corp H8S/2114R Datasheet HTML 856Page - Renesas Technology Corp H8S/2114R Datasheet HTML 857Page - Renesas Technology Corp H8S/2114R Datasheet HTML 858Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 854 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 806 of 986
REJ09B0098-0300
(f)
Operating Clock Frequency Inquiry
The boot program will return the number of operating clock frequencies, and the maximum and
minimum values in response to the operating clock frequency inquiry command.
Command
H'23
• Command, H'23 (1 byte): Inquiry regarding operating clock frequencies
Response
H'33
Size
Number of operating clock
frequencies
Minimum value of operating
clock frequency
Maximum value of operating clock
frequency
···
SUM
• Response, H'33 (1 byte): Response to operating clock frequency inquiry
• Size (1 byte): The amount of data that represents the number of operating clock frequencies,
and the minimum and maximum values of the operating clock frequencies
• Number of operating clock frequencies (1 byte): The number of supported operating clock
frequency types
(e.g. H'02 when there are two types: main operating frequency and peripheral module
operating frequency)
• Minimum value of operating clock frequency (2 bytes): Minimum value among the divided
clock frequencies.
The minimum and maximum values of operating clock frequency represent the frequency
values (MHz), valid to the hundredths place, and multiplied by 100.
(e.g. when the value is 20.00 MHz, it will be 2000, which is H'07D0)
• Maximum value of operating clock frequency (2 bytes): Maximum value among the divided
clock frequencies.
There are as many pairs of minimum and maximum values as there are operating clock
frequencies.
• SUM (1 byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com