công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 857 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 857 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 853Page - Renesas Technology Corp H8S/2114R Datasheet HTML 854Page - Renesas Technology Corp H8S/2114R Datasheet HTML 855Page - Renesas Technology Corp H8S/2114R Datasheet HTML 856Page - Renesas Technology Corp H8S/2114R Datasheet HTML 857Page - Renesas Technology Corp H8S/2114R Datasheet HTML 858Page - Renesas Technology Corp H8S/2114R Datasheet HTML 859Page - Renesas Technology Corp H8S/2114R Datasheet HTML 860Page - Renesas Technology Corp H8S/2114R Datasheet HTML 861Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 857 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 809 of 986
REJ09B0098-0300
• SUM (1 byte): Checksum
(k)
New Bit Rate Selection
The boot program will set a new bit rate in response to the new bit rate selection command, and
return the new bit rate in response to the confirmation.
This new bit rate selection command should be sent after sending the clock mode selection
command.
Command
H'3F
Size
Bit rate
Input frequency
Number of division
ratios
Division ratio 1 Division ratio 2
SUM
• Command, H'3F (1 byte): Selection of new bit rate
• Size (1 byte): The amount of data that represents the bit rate, input frequency, number of
division ratios, and division ratios
• Bit rate (2 bytes): New bit rate
One hundredth of the value (e.g. when the value is 19200 bps, it will be 192, which is H'00C0.)
• Input frequency (2 bytes): Frequency of the clock input to the boot program.
This is valid to the hundredths place and represents the frequency value (MHz) multiplied by
100. (e.g. when the value is 20.00 MHz, it will be 2000, which is H'07D0)
• Number of division ratios (1 byte): The number of supported division ratios.
Normally the number is two: one for the main operating frequency and one for peripheral
module operating frequency.
• Division ratio 1 (1 byte): The division ratio for the main operating frequency
 Division ratio: The inverse of the division ratio, i.e. a negative number (e.g. when the clock
is divided by two, the value will be H'FE[
−2])
• Division ratio 2 (1 byte): The division ratio for the peripheral module operating frequency
 Division ratio: The inverse of the division ratio, i.e. a negative number (e.g. when the clock
is divided by two, the value will be H'FE[
−2])
• SUM (1 byte): Checksum
Response
H'06
• Response, H'06 (1 byte): Response to selection of a new bit rate.
The boot program will return ACK when the new bit rate can be set.
Error Response
H'BF
ERROR
• Error response, H'BF (1 byte): Error response to selection of a new bit rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com