công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 855 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 855 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 851Page - Renesas Technology Corp H8S/2114R Datasheet HTML 852Page - Renesas Technology Corp H8S/2114R Datasheet HTML 853Page - Renesas Technology Corp H8S/2114R Datasheet HTML 854Page - Renesas Technology Corp H8S/2114R Datasheet HTML 855Page - Renesas Technology Corp H8S/2114R Datasheet HTML 856Page - Renesas Technology Corp H8S/2114R Datasheet HTML 857Page - Renesas Technology Corp H8S/2114R Datasheet HTML 858Page - Renesas Technology Corp H8S/2114R Datasheet HTML 859Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 855 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 807 of 986
REJ09B0098-0300
(g)
User Boot MAT Information Inquiry
The boot program will return the number of user boot MATs and their addresses in response to the
user boot MAT information inquiry command.
Command
H'24
• Command, H'24 (1 byte): Inquiry regarding user boot MAT information
Response
H'34
Size
Number of areas
Area start address
Area last address
···
SUM
• Response, H'34 (1 byte): Response to user boot MAT information inquiry
• Size (1 byte): The amount of data that represents the number of areas, area start address, and
area last address
• Number of areas (1 byte): The number of consecutive user boot MAT areas.
H'01 when the user boot MAT areas are consecutive.
• Area start address (4 bytes): Start address of the area
• Area last address (4 bytes): Last address of the area.
There are as many groups of data representing the start and last addresses as there are areas.
• SUM (1 byte): Checksum
(h)
User MAT Information Inquiry
The boot program will return the number of user MATs and their addresses in response to the user
MAT information inquiry command.
Command
H'25
• Command, H'25 (1 byte): Inquiry regarding user MAT information
Response
H'35
Size
Number of areas
Area start address
Area last address
···
SUM
• Response, H'35 (1 byte): Response to the user MAT information inquiry
• Size (1 byte): The amount of data that represents the number of areas, area start address, and
area last address
• Number of areas (1 byte): The number of consecutive user MAT areas.
H'01 when the user MAT areas are consecutive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com