công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 851 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 851 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 847Page - Renesas Technology Corp H8S/2114R Datasheet HTML 848Page - Renesas Technology Corp H8S/2114R Datasheet HTML 849Page - Renesas Technology Corp H8S/2114R Datasheet HTML 850Page - Renesas Technology Corp H8S/2114R Datasheet HTML 851Page - Renesas Technology Corp H8S/2114R Datasheet HTML 852Page - Renesas Technology Corp H8S/2114R Datasheet HTML 853Page - Renesas Technology Corp H8S/2114R Datasheet HTML 854Page - Renesas Technology Corp H8S/2114R Datasheet HTML 855Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 851 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 803 of 986
REJ09B0098-0300
(b)
Device Selection
The boot program will set the specified supported device in response to the device selection
command. The program will return information on the selected device in response to the inquiry
after this setting has been made.
Command
H'10
Size
Device code
SUM
• Command, H'10 (1 byte): Device selection
• Size (1 byte): The number of characters in the device code. Fixed at 2.
• Device code (4 bytes): Device code (ASCII code) returned in response to the supported device
inquiry
• SUM (1 byte): Checksum
Response
H'06
• Response, H'06 (1 byte): Response to the device selection command.
The boot program will return ACK when the device code matches.
Error Response
H'90
ERROR
• Error response, H'90 (1 byte): Error response to the device selection command
ERROR (1 byte): Error code
H'11: Checksum error
H'21: Device code error, that is, the device code does not match
(c)
Clock Mode Inquiry
The boot program will return the supported clock modes in response to the clock mode inquiry
command.
Command
H'21
• Command, H'21 (1 byte): Inquiry regarding clock mode
Response
H'31
Size
Number of modes
Mode
···
SUM
• Response, H'31 (1 byte): Response to the clock mode inquiry
• Size (1 byte): Amount of data that represents the number of modes and modes
• Number of clock modes (1 byte): The number of supported clock modes.
H'00 indicates no clock mode or the device allows the clock mode to be read.
• Mode (1 byte): Values of the supported clock modes (i.e. H'01 means clock mode 1.)
• SUM (1 byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com