công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 852 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 852 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 848Page - Renesas Technology Corp H8S/2114R Datasheet HTML 849Page - Renesas Technology Corp H8S/2114R Datasheet HTML 850Page - Renesas Technology Corp H8S/2114R Datasheet HTML 851Page - Renesas Technology Corp H8S/2114R Datasheet HTML 852Page - Renesas Technology Corp H8S/2114R Datasheet HTML 853Page - Renesas Technology Corp H8S/2114R Datasheet HTML 854Page - Renesas Technology Corp H8S/2114R Datasheet HTML 855Page - Renesas Technology Corp H8S/2114R Datasheet HTML 856Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 852 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 804 of 986
REJ09B0098-0300
(d)
Clock Mode Selection
The boot program will set the specified clock mode in response to the clock mode selection
command. The program will return information on the selected clock mode in response to the
inquiry after this setting has been made.
The clock mode selection command should be sent after the device selection command.
Command
H'11
Size
Mode
SUM
• Command, H'11 (1 byte): Selection of clock mode
• Size (1 byte): The number of characters that represents the modes. Fixed at 1.
• Mode (1 byte): A clock mode returned in response to the clock mode inquiry.
• SUM (1 byte): Checksum
Response
H'06
• Response, H'06 (1 byte): Response to the clock mode selection command.
The boot program will return ACK when the clock mode matches.
Error Response
H'91
ERROR
• Error response, H'91 (1 byte)
: Error response to the clock mode selection command
• ERROR (1 byte): Error code
H'11: Checksum error
H'22: Clock mode error, that is, the clock mode does not match
Even if the number of clock modes is H'00 or H'01 by a clock mode inquiry, the clock mode
must be selected using the respective value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com