công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 850 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 850 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 846Page - Renesas Technology Corp H8S/2114R Datasheet HTML 847Page - Renesas Technology Corp H8S/2114R Datasheet HTML 848Page - Renesas Technology Corp H8S/2114R Datasheet HTML 849Page - Renesas Technology Corp H8S/2114R Datasheet HTML 850Page - Renesas Technology Corp H8S/2114R Datasheet HTML 851Page - Renesas Technology Corp H8S/2114R Datasheet HTML 852Page - Renesas Technology Corp H8S/2114R Datasheet HTML 853Page - Renesas Technology Corp H8S/2114R Datasheet HTML 854Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 850 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 802 of 986
REJ09B0098-0300
All of these commands, except for boot program status inquiry (H'4F), will be valid until the boot
program receives the programming/erasing state transition command (H'40). The host can choose
the needed commands out of the above commands and make inquiries. The boot program status
inquiry command (H'4F) remains valid even after the boot program has received the
programming/erasing state transition command (H'40).
(a)
Supported Device Inquiry
The boot program will return the device codes of the supported devices and the product names in
response to the supported device inquiry command.
Command
H'20
• Command, H'20 (1 byte): Inquiry regarding supported devices
Response
H'30
Size
Number of devices
Number of
characters
Device code
Product name
···
SUM
• Response, H'30 (1 byte): Response to the supported device inquiry
• Size (1 byte): The number of bytes to be transferred, excluding the command, size, and
checksum, that is, the total amount of data consisting the number of devices, the number of
characters, device codes, and product names
• Number of devices (1 byte): The number of device types supported by the boot program in the
microcomputer
• Number of characters (1 byte): The number of characters in the device codes and boot
program’s name
• Device code (4 bytes): ASCII code of the supported product name
• Product name (n bytes): ASCII code of the boot program type name
• SUM (1 byte): Checksum
The checksum is calculated so that the total number of all values from the command byte to
the SUM byte becomes H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com