| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2114R bảng dữ liệu(PDF) 849 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2114R bảng dữ liệu(HTML) 849 Page - Renesas Technology Corp |
|
849 / 1038 page ![]() Section 21 Flash Memory (0.18- µm F-ZTAT Version) Rev. 3.00 Jul. 14, 2005 Page 801 of 986 REJ09B0098-0300 (4) Inquiry/Selection State The boot program returns information from the flash memory in response to the host’s inquiry commands and sets the device code, clock mode, and bit rate in response to the host’s selection command. Inquiry and selection commands are listed in table 21.11. Table 21.11 Inquiry and Selection Commands Command Command Name Description H'20 Supported Device Inquiry Inquiry regarding device code and product name H'10 Device Selection Selection of device code H'21 Clock Mode Inquiry Inquiry regarding number of clock modes and values of each mode H'11 Clock Mode Selection Indication of the selected clock mode H'22 Division Ratio Inquiry Inquiry regarding the number of types of division ratios, and the number and values of each ratio type H'23 Operating Clock Frequency Inquiry Inquiry regarding the maximum and minimum values of the main clock and peripheral clock H'24 User Boot MAT Information Inquiry Inquiry regarding the number of user boot MATs and the start and last addresses of each MAT H'25 User MAT Information Inquiry Inquiry regarding the number of user MATs and the start and last addresses of each MAT H'26 Erased Block Information Inquiry Inquiry regarding the number of blocks and the start and last addresses of each block H'27 Programming Unit Inquiry Inquiry regarding the size of program data H'3F New Bit Rate Selection Selection of the new bit rate H'40 Transition to Programming/Erasing State Erasure of user MAT and user boot MAT, and transition to programming/erasing state H'4F Boot Program Status Inquiry Inquiry into the processing status of the boot program The selection commands, which are device selection (H'10), clock mode selection (H'11), and new bit rate selection (H'3F), should be transmitted from the host in that order. These commands are needed in all cases. When two or more selection commands are transmitted at the same time, the last command will be valid. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |