công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 845 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 845 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 841Page - Renesas Technology Corp H8S/2114R Datasheet HTML 842Page - Renesas Technology Corp H8S/2114R Datasheet HTML 843Page - Renesas Technology Corp H8S/2114R Datasheet HTML 844Page - Renesas Technology Corp H8S/2114R Datasheet HTML 845Page - Renesas Technology Corp H8S/2114R Datasheet HTML 846Page - Renesas Technology Corp H8S/2114R Datasheet HTML 847Page - Renesas Technology Corp H8S/2114R Datasheet HTML 848Page - Renesas Technology Corp H8S/2114R Datasheet HTML 849Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 845 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 797 of 986
REJ09B0098-0300
21.8
Serial Communication Interface Specifications for Boot Mode
The boot program initiated in boot mode performs transmission and reception with the host PC via
the on-chip SCI. The serial communication interface specifications for the host and boot program
are shown below.
(1)
Status
The boot program has three states.
1. Bit-rate-adjustment state
In this state, the boot program adjusts the bit rate to communicate with the host. Initiating boot
mode enables starting of the boot program and transition to the bit-rate-adjustment state. The
boot program receives the command from the host to adjust the bit rate. After adjusting the bit
rate, the boot program enters the inquiry/selection state.
2. Inquiry/Selection state
In this state, the boot program responds to inquiry commands from the host. The device name,
clock mode, and bit rate are selected in this state. After selection of these settings, the boot
program makes a transition to the programming/erasing state by the command for a transition
to the programming/erasing state. The boot program transfers the libraries required for erasure
to the on-chip RAM and erases the user MATs and user boot MATs before the transition to the
programming/erasing state.
3. Programming/erasing state
Programming and erasure by the boot program take place in this state. The boot program is
made to transfer the programming/erasing programs to the on-chip RAM by commands from
the host. Sum check and blank check are executed by sending commands from the host.
The boot program states are shown in figure 21.19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com