công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 844 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 844 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 840Page - Renesas Technology Corp H8S/2114R Datasheet HTML 841Page - Renesas Technology Corp H8S/2114R Datasheet HTML 842Page - Renesas Technology Corp H8S/2114R Datasheet HTML 843Page - Renesas Technology Corp H8S/2114R Datasheet HTML 844Page - Renesas Technology Corp H8S/2114R Datasheet HTML 845Page - Renesas Technology Corp H8S/2114R Datasheet HTML 846Page - Renesas Technology Corp H8S/2114R Datasheet HTML 847Page - Renesas Technology Corp H8S/2114R Datasheet HTML 848Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 844 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 796 of 986
REJ09B0098-0300
21.7
Programmer Mode
Along with its on-board programming mode, this LSI also has a programmer mode as another
mode for programming/erasing of programs and data. In programmer mode, a general PROM
programmer that supports Renesas microcomputers with 1-Mbyte flash memory as a device type*
1
can be used to freely write programs to the on-chip ROM. Programming/erasing is possible on the
user MAT and user boot MAT*
2. Figure 21.18 shows a memory map in programmer mode.
A status-polling system is adopted for operation in automatic programming, automatic erasure,
and status-read modes. In status-read mode, details of the internal signals are output after
execution of automatic programming or automatic erasure. In programmer mode, a 12-MHz clock
signal must be input.
Notes: 1. In this LSI, set the programming voltage of the PROM programmer to 3.3 V.
2. For the PROM programmer and the version of its program, see the instruction manuals
for socket adapter.
H'000000
H'0FFFFF
H'00000
H'FFFFF
MCU mode
This LSI
On-chip ROM area
Programmer mode
Figure 21.18 Memory Map in Programmer Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com