công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 842 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 842 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 838Page - Renesas Technology Corp H8S/2114R Datasheet HTML 839Page - Renesas Technology Corp H8S/2114R Datasheet HTML 840Page - Renesas Technology Corp H8S/2114R Datasheet HTML 841Page - Renesas Technology Corp H8S/2114R Datasheet HTML 842Page - Renesas Technology Corp H8S/2114R Datasheet HTML 843Page - Renesas Technology Corp H8S/2114R Datasheet HTML 844Page - Renesas Technology Corp H8S/2114R Datasheet HTML 845Page - Renesas Technology Corp H8S/2114R Datasheet HTML 846Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 842 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 794 of 986
REJ09B0098-0300
• When a bus master other than the CPU, such as the DTC or LPC, gets the bus during
programming/erasing
Error protection is cancelled only by a reset or a transition to hardware-standby mode.
Note that the reset should be released after a reset period of 100
µs which is longer than normal.
Since high voltages are applied during programming/erasing of the flash memory, some voltage
may remain after the error-protection state has been entered. For this reason, it is necessary to
reduce the risk of damage to the flash memory by extending the reset period so that the charge is
released.
The state transition diagram in figure 21.16 shows transitions to and from the error-protection
state.
Program mode
Erase mode
Read disabled
Programming/erasing enabled
FLER = 0
Error-protection state
Read enabled
Programming/erasing disabled
FLER = 1
Error occurred
Error-protection state
(Software standby)
Read disabled
Programming/erasing disabled
FLER = 1
Software standby mode
Software-standby mode
canceled
Reset or hardware
standby mode
(Hardware protection)
Read disabled
Programming/erasing disabled
FLER = 0
RES = 0 or STBY = 0
Error
occurred
(Software
standby)
RES
= 0
or
STBY
= 0
RES = 0 or
STBY = 0
Programming/erasing interface
registers are in the initial state.
Programming/erasing interface
registers are in the initial state.
Figure 21.16 Transitions to Error-Protection State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com