công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 848 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 848 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 844Page - Renesas Technology Corp H8S/2114R Datasheet HTML 845Page - Renesas Technology Corp H8S/2114R Datasheet HTML 846Page - Renesas Technology Corp H8S/2114R Datasheet HTML 847Page - Renesas Technology Corp H8S/2114R Datasheet HTML 848Page - Renesas Technology Corp H8S/2114R Datasheet HTML 849Page - Renesas Technology Corp H8S/2114R Datasheet HTML 850Page - Renesas Technology Corp H8S/2114R Datasheet HTML 851Page - Renesas Technology Corp H8S/2114R Datasheet HTML 852Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 848 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 800 of 986
REJ09B0098-0300
4. Programming of 128 bytes
The size is not specified in the commands. The data size is indicated in the response to the
programming unit inquiry.
5. Memory read response
This response consists of r4 bytes of data.
Command or response
Data size
Data
Checksum
Error response
Error code
Command or response
Error response
n-byte command or
n-byte response
1-byte command
or 1-byte response
Address
Command
Data (n bytes)
Checksum
128-byte programming
Data size
Response
Data
Checksum
Memory read
response
Figure 21.21 Communication Protocol Format
• Command (1 byte): Commands for inquiries, selection, programming, erasing, and checking
• Response (1 byte): Response to an inquiry
• Size (1 byte): The amount of transfer data excluding the command, size, and checksum
• Data (n bytes): Detailed data of a command or response
• Checksum (1 byte): The checksum is calculated so that the total of all values from the
command byte to the SUM byte becomes H'00.
• Error response (1 byte): Error response to a command
• Error code (1 byte): Type of the error
• Address (4 bytes): Address for programming
• Data (n bytes): Data to be programmed (n is indicated in the response to the programming unit
inquiry.)
• Data size (4 bytes): Four-byte response to a memory read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com