công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 856 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 856 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 852Page - Renesas Technology Corp H8S/2114R Datasheet HTML 853Page - Renesas Technology Corp H8S/2114R Datasheet HTML 854Page - Renesas Technology Corp H8S/2114R Datasheet HTML 855Page - Renesas Technology Corp H8S/2114R Datasheet HTML 856Page - Renesas Technology Corp H8S/2114R Datasheet HTML 857Page - Renesas Technology Corp H8S/2114R Datasheet HTML 858Page - Renesas Technology Corp H8S/2114R Datasheet HTML 859Page - Renesas Technology Corp H8S/2114R Datasheet HTML 860Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 856 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 808 of 986
REJ09B0098-0300
• Area start address (4 bytes): Start address of the area
• Area last address (4 bytes): Last address of the area.
There are as many groups of data representing the start and last addresses as there are areas.
• SUM (1 byte): Checksum
(i)
Erased Block Information Inquiry
The boot program will return the number of erased blocks and their addresses in response to the
erased block information inquiry command.
Command
H'26
• Command, H'26 (1 byte): Inquiry regarding erased block information
Response
H'36
Size
Number of blocks
Block start address
Block last address
···
SUM
• Response, H'36 (1 byte): Response to the erased block information inquiry
• Size (2 bytes): The amount of data that represents the number of blocks, block start address,
and block last address.
• Number of blocks (1 byte): The number of erased blocks of flash memory
• Block start address (4 bytes): Start address of a block
• Block last address (4 bytes): Last address of a block
There are as many groups of data representing the start and last addresses as there are blocks.
• SUM (1 byte): Checksum
(j)
Programming Unit Inquiry
The boot program will return the programming unit used to program data in response to the
programming unit inquiry command.
Command
H'27
• Command, H'27 (1 byte): Inquiry regarding programming unit
Response
H'37
Size
Programming unit
SUM
• Response, H'37 (1 byte): Response to programming unit inquiry
• Size (1 byte): The number of characters that indicate the programming unit. Fixed at 2.
• Programming unit (2 bytes): A unit for programming.
This is the unit for reception of program data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com