công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 860 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 860 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 856Page - Renesas Technology Corp H8S/2114R Datasheet HTML 857Page - Renesas Technology Corp H8S/2114R Datasheet HTML 858Page - Renesas Technology Corp H8S/2114R Datasheet HTML 859Page - Renesas Technology Corp H8S/2114R Datasheet HTML 860Page - Renesas Technology Corp H8S/2114R Datasheet HTML 861Page - Renesas Technology Corp H8S/2114R Datasheet HTML 862Page - Renesas Technology Corp H8S/2114R Datasheet HTML 863Page - Renesas Technology Corp H8S/2114R Datasheet HTML 864Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 860 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 812 of 986
REJ09B0098-0300
Command
H'40
• Command, H'40 (1 byte): Transition to programming/erasing state
Response
H'06
• Response, H'06 (1 byte): Response to transition to programming/erasing state.
The boot program will return ACK when the user MAT and user boot MAT have been erased
normally by the transferred erasing program.
Error Response
H'C0
H'51
• Error response, H'C0 (1 byte): Error response to blank check of user boot MAT
• Error code, H'51 (1 byte): Erasing error
An error occurred and erasure was not completed.
(7)
Command Error
A command error will occur when a command is undefined, the order of commands is incorrect,
or a command is unacceptable. Issuing a clock mode selection command before a device selection
command, or an inquiry command after the transition to programming/erasing state command, are
such examples.
Error Response
H'80
H'xx
• Error response, H'80 (1 byte): Command error
• Command, H'xx (1 byte): Received command
(8)
Command Order
The order for commands in the inquiry/selection state is shown below.
1. A supported device inquiry (H'20) should be made to inquire about the supported devices.
2. The device should be selected from among those described by the returned information and set
with a device selection (H'10) command.
3. A clock mode inquiry (H'21) should be made to inquire about the supported clock modes.
4. The clock mode should be selected from among those described by the returned information
and set.
5. After selection of the device and clock mode, inquiries for other required information should
be made, such as the division ratio inquiry (H'22) or operating frequency inquiry (H'23), which
are needed for a new bit rate selection.
6. A new bit rate should be selected with the new bit rate selection (H'3F) command, according to
the returned information on division ratios and operating frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com