công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 864 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 864 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 860Page - Renesas Technology Corp H8S/2114R Datasheet HTML 861Page - Renesas Technology Corp H8S/2114R Datasheet HTML 862Page - Renesas Technology Corp H8S/2114R Datasheet HTML 863Page - Renesas Technology Corp H8S/2114R Datasheet HTML 864Page - Renesas Technology Corp H8S/2114R Datasheet HTML 865Page - Renesas Technology Corp H8S/2114R Datasheet HTML 866Page - Renesas Technology Corp H8S/2114R Datasheet HTML 867Page - Renesas Technology Corp H8S/2114R Datasheet HTML 868Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 864 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 816 of 986
REJ09B0098-0300
Command
H'50
Address
Data
···
···
SUM
• Command, H'50 (1 byte): 128-byte programming
• Programming address (4 bytes): Start address for programming.
Multiple of the size specified in response to the programming unit inquiry command.
(e.g. H'00, H'01, H'00, H'00: H'010000)
• Program data (128 bytes): Data to be programmed.
The size is specified in response to the programming unit inquiry command.
• SUM (1 byte): Checksum
Response
H'06
• Response, H'06 (1 byte): Response to 128-byte programming.
On completion of programming, the boot program will return ACK.
Error Response
H'D0
ERROR
• Error response, H'D0 (1 byte): Error response to 128-byte programming
• ERROR (1 byte): Error code
H'11: Checksum Error
H'2A: Address error
H'53: Programming error
A programming error has occurred and programming cannot be continued.
The specified address should match the boundary of the programming unit. For example, when the
programming unit is 128 bytes, the lower eight bits of the address should be H'00 or H'80.
When the program data is less than 128 bytes, the host should fill the rest with H'FF.
Sending the 128-byte programming command with the address of H'FFFFFFFF will stop the
programming operation. The boot program will interpret this as the end of programming and wait
for selection of programming or erasing.
Command
H'50
Address
SUM
• Command, H'50 (1 byte): 128-byte programming
• Programming address (4 bytes): End code (H'FF, H'FF, H'FF, H'FF)
• SUM (1 byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com