công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 865 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 865 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 861Page - Renesas Technology Corp H8S/2114R Datasheet HTML 862Page - Renesas Technology Corp H8S/2114R Datasheet HTML 863Page - Renesas Technology Corp H8S/2114R Datasheet HTML 864Page - Renesas Technology Corp H8S/2114R Datasheet HTML 865Page - Renesas Technology Corp H8S/2114R Datasheet HTML 866Page - Renesas Technology Corp H8S/2114R Datasheet HTML 867Page - Renesas Technology Corp H8S/2114R Datasheet HTML 868Page - Renesas Technology Corp H8S/2114R Datasheet HTML 869Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 865 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 817 of 986
REJ09B0098-0300
Response
H'06
• Response, H'06 (one byte): Response to 128-byte programming.
On completion of programming, the boot program will return ACK.
Error Response
H'D0
ERROR
• Error response, H'D0 (1 byte): Error response to 128-byte programming
• ERROR (1 byte): Error code
H'11: Checksum error
H'2A: Address error
H'53: Programming error
An error has occurred in programming and programming cannot be continued.
(10) Erasure
Erasure is performed with the erasure selection and block erasure commands.
First, erasure is selected by the erasure selection command and the boot program then erases the
specified block. The command should be repeatedly executed if two or more blocks are to be
erased. Sending a block erasure command from the host with the block number H'FF will stop the
erasure processing. On completion of erasing, the boot program will wait for selection of
programming or erasing.
The sequence for the erasure selection command and block erasure command is shown in figure
21.24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com