công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 869 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 869 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 865Page - Renesas Technology Corp H8S/2114R Datasheet HTML 866Page - Renesas Technology Corp H8S/2114R Datasheet HTML 867Page - Renesas Technology Corp H8S/2114R Datasheet HTML 868Page - Renesas Technology Corp H8S/2114R Datasheet HTML 869Page - Renesas Technology Corp H8S/2114R Datasheet HTML 870Page - Renesas Technology Corp H8S/2114R Datasheet HTML 871Page - Renesas Technology Corp H8S/2114R Datasheet HTML 872Page - Renesas Technology Corp H8S/2114R Datasheet HTML 873Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 869 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 821 of 986
REJ09B0098-0300
Command
H'4A
• Command, H'4A (1 byte): Sum check for user boot MAT
Response
H'5A
Size
Checksum of MAT
SUM
• Response, H'5A (1 byte): Response to the checksum of user boot MAT
• Size (1 byte): The number of characters that represents the checksum.
Fixed at 4.
• Checksum of MAT (4 bytes): Checksum of user boot MATs.
The total amount of data is obtained in byte units.
• SUM (1 byte): Checksum (for transmit data)
(13) User MAT Sum Check
The boot program will return the total amount of bytes of the user MAT contents in response to
the user MAT sum check command.
Command
H'4B
• Command, H'4B (1 byte): Checksum for user MAT
Response
H'5B
Size
Checksum of MAT
SUM
• Response, H'5B (1 byte): Response to the checksum of the user MAT
• Size (1 byte): The number of characters that represents the checksum.
Fixed at 4.
• Checksum of MAT (4 bytes): Checksum of user MATs.
The total amount of data is obtained in byte units.
• SUM (1 byte): Checksum (for transmit data)
(14) User Boot MAT Blank Check
The boot program will check whether or not all user boot MATs are blank and return the result in
response to the user boot MAT blank check command.
Command
H'4C
• Command, H'4C (1 byte): Blank check for user boot MATs
Response
H'06
• Response, H'06 (1 byte): Response to blank check of user boot MATs.
If all user boot MATs are blank (H'FF), the boot program will return ACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com