công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 873 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 873 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 869Page - Renesas Technology Corp H8S/2114R Datasheet HTML 870Page - Renesas Technology Corp H8S/2114R Datasheet HTML 871Page - Renesas Technology Corp H8S/2114R Datasheet HTML 872Page - Renesas Technology Corp H8S/2114R Datasheet HTML 873Page - Renesas Technology Corp H8S/2114R Datasheet HTML 874Page - Renesas Technology Corp H8S/2114R Datasheet HTML 875Page - Renesas Technology Corp H8S/2114R Datasheet HTML 876Page - Renesas Technology Corp H8S/2114R Datasheet HTML 877Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 873 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 825 of 986
REJ09B0098-0300
11. If data other than H'FF (4 bytes) is written to the key code area (in normal mode: H'001E to
H'001F, in advance mode: H'00003C to H'00003F) of flash memory, reading cannot be
performed in programmer mode. (In this case, data is read as H'00. Rewrite is possible after
erasing the data.) For reading in programmer mode, make sure to write H'FF to the entire key
code area.
If data other than H'FF is to be written to the key code area in programmer mode, a verification
error will occur unless a software countermeasure is taken for the PROM programmer and
version of program.
12. The code size of the programming program that includes the initialization routine or the
erasing program that includes the initialization routine is 2 kbytes or less. Accordingly, when
the CPU clock frequency is 20 MHz, the download for each program takes approximately 200
µs at the maximum.
13. While an instruction in the on-chip RAM is being executed, the DTC can write to the SCO bit
in FCCS that is used for a download request or FMATS that is used for MAT switching. Make
sure that these registers are not accidentally written to, otherwise an on-chip program may be
downloaded and damage the on-chip RAM or a MAT switchover may occur and the CPU get
out of control. Do not use the DTC to write to flash memory related registers.
14. A programming/erasing program for flash memory used in the conventional H8S F-ZTAT
microcomputer which does not support download of the on-chip program by a SCO transfer
request cannot run in this LSI. Be sure to download the on-chip program to execute
programming/erasing of flash memory in this H8S F-ZTAT microcomputer.
15. Unlike the conventional H8S F-ZTAT microcomputer, no countermeasures are available for a
runaway by the WDT during programming/erasing. Prepare countermeasures (e.g. use of
periodic timer interrupts) for the WDT with taking the programming/erasing time into
consideration as required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com