công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 877 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 877 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 873Page - Renesas Technology Corp H8S/2114R Datasheet HTML 874Page - Renesas Technology Corp H8S/2114R Datasheet HTML 875Page - Renesas Technology Corp H8S/2114R Datasheet HTML 876Page - Renesas Technology Corp H8S/2114R Datasheet HTML 877Page - Renesas Technology Corp H8S/2114R Datasheet HTML 878Page - Renesas Technology Corp H8S/2114R Datasheet HTML 879Page - Renesas Technology Corp H8S/2114R Datasheet HTML 880Page - Renesas Technology Corp H8S/2114R Datasheet HTML 881Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 877 / 1038 page
background image
Section 22 Boundary Scan (JTAG)
Rev. 3.00 Jul. 14, 2005 Page 829 of 986
REJ09B0098-0300
22.2
Input/Output Pins
Table 22.1 shows the JTAG pin configuration.
Table 22.1
Pin Configuration
Pin Name
Abbreviation
I/O
Function
Test clock
ETCK
Input
Test clock input
Provides an independent clock supply to the
JTAG. As the clock input to the ETCK pin is
supplied directly to the JTAG, a clock waveform
with a duty cycle close to 50% should be input.
For details, see section 26, Electrical
Characteristics. If there is no input, the ETCK pin
is fixed to 1 by an internal pull-up.
Test mode select
ETMS
Input
Test mode select input
Sampled on the rise of the ETCK pin. The ETMS
pin controls the internal state of the TAP
controller. If there is no input, the ETMS pin is
fixed to 1 by an internal pull-up.
Test data input
ETDI
Input
Serial data input
Performs serial input of instructions and data for
JTAG registers. ETDI is sampled on the rise of
the ETCK pin. If there is no input, the ETDI pin is
fixed to 1 by an internal pull-up.
Test data output
ETDO
Output
Serial data output
Performs serial output of instructions and data
from JTAG registers. Transfer is performed in
synchronization with the ETCK pin. If there is no
output, the ETDO pin goes to the high-
impedance state.
Test reset
ETRST
Input
Test reset input signal
Initializes the JTAG asynchronously. If there is
no input, the
ETRST pin is fixed to 1 by an
internal pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com