công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 878 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 878 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 874Page - Renesas Technology Corp H8S/2114R Datasheet HTML 875Page - Renesas Technology Corp H8S/2114R Datasheet HTML 876Page - Renesas Technology Corp H8S/2114R Datasheet HTML 877Page - Renesas Technology Corp H8S/2114R Datasheet HTML 878Page - Renesas Technology Corp H8S/2114R Datasheet HTML 879Page - Renesas Technology Corp H8S/2114R Datasheet HTML 880Page - Renesas Technology Corp H8S/2114R Datasheet HTML 881Page - Renesas Technology Corp H8S/2114R Datasheet HTML 882Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 878 / 1038 page
background image
Section 22 Boundary Scan (JTAG)
Rev. 3.00 Jul. 14, 2005 Page 830 of 986
REJ09B0098-0300
22.3
Register Descriptions
The JTAG has the following registers.
• Instruction register (SDIR)
• Bypass register (SDBPR)
• Boundary scan register (SDBSR)
• ID code register (SDIDR)
Instructions can be input to the instruction register (SDIR) by serial transfer from the test data
input pin (ETDI). Data from SDIR can be output via the test data output pin (ETDO). The bypass
register (SDBPR) is a 1-bit register to which the ETDI and ETDO pins are connected in BYPASS,
CLAMP, or HIGHZ mode. The boundary scan register (SDBSR) is a 334-bit register to which the
ETDI and ETDO pins are connected in SAMPLE/PRELOAD or EXTEST mode. The ID code
register (SDIDR) is a 32-bit register; a fixed code can be output via the ETDO pin in IDCODE
mode. All registers cannot be accessed directly by the CPU.
Table 22.2 shows the kinds of serial transfer possible with each JTAG register.
Table 22.2
JTAG Register Serial Transfer
Register
Serial Input
Serial Output
SDIR
Possible
Possible
SDBPR
Possible
Possible
SDBSR
Possible
Possible
SDIDR
Impossible
Possible
22.3.1
Instruction Register (SDIR)
SDIR is a 32-bit read-only register. JTAG instructions can be transferred to SDIR by serial input
from the ETDI pin. SDIR can be initialized when the
ETRST pin is low or the TAP controller is
in the Test-Logic-Reset state, but is not initialized by a reset or in standby mode.
Only 4-bit instructions can be transferred to SDIR. If an instruction exceeding 4 bits is input, the
last 4 bits of the serial data will be stored in SDIR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com