công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 875 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 875 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 871Page - Renesas Technology Corp H8S/2114R Datasheet HTML 872Page - Renesas Technology Corp H8S/2114R Datasheet HTML 873Page - Renesas Technology Corp H8S/2114R Datasheet HTML 874Page - Renesas Technology Corp H8S/2114R Datasheet HTML 875Page - Renesas Technology Corp H8S/2114R Datasheet HTML 876Page - Renesas Technology Corp H8S/2114R Datasheet HTML 877Page - Renesas Technology Corp H8S/2114R Datasheet HTML 878Page - Renesas Technology Corp H8S/2114R Datasheet HTML 879Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 875 / 1038 page
background image
Section 22 Boundary Scan (JTAG)
HUDS000A_000020020300
Rev. 3.00 Jul. 14, 2005 Page 827 of 986
REJ09B0098-0300
Section 22 Boundary Scan (JTAG)
The JTAG (Joint Test Action Group) is standardized as an international standard, IEEE Standard
1149.1, and is open to the public as IEEE Standard Test Access Port and Boundary-Scan
Architecture. Although the name of the function is boundary scan and the name of the group who
worked on standardization is the JTAG, the JTAG is commonly used as the name of a boundary
scan architecture and a serial interface to access the devices having the architecture.
This LSI has a boundary scan function (JTAG). Using this function along with other LSIs
facilitates testing a printed-circuit board.
22.1
Features
• Five test pins (ETCK, ETDI, ETDO, ETMS, and ETRST)
• TAP controller
• Six instructions
BYPASS mode
EXTEST mode
SAMPLE/PRELOAD mode
CLAMP mode
HIGHZ mode
IDCODE mode
(These instructions are test modes corresponding to IEEE 1149.1.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com