công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 868 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 868 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 864Page - Renesas Technology Corp H8S/2114R Datasheet HTML 865Page - Renesas Technology Corp H8S/2114R Datasheet HTML 866Page - Renesas Technology Corp H8S/2114R Datasheet HTML 867Page - Renesas Technology Corp H8S/2114R Datasheet HTML 868Page - Renesas Technology Corp H8S/2114R Datasheet HTML 869Page - Renesas Technology Corp H8S/2114R Datasheet HTML 870Page - Renesas Technology Corp H8S/2114R Datasheet HTML 871Page - Renesas Technology Corp H8S/2114R Datasheet HTML 872Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 868 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 820 of 986
REJ09B0098-0300
(11) Memory Read
The boot program will return the data in the specified address in response to the memory read
command.
Command
H'52
Size
Area
Read address
Read size
SUM
• Command, H'52 (1 byte): Memory read
• Size (1 byte): Amount of data that represents the area, read address, and read size (fixed at 9)
• Area (one byte)
H'00: User boot MAT
H'01: User MAT
An address error occurs when the area setting is incorrect.
• Read address (4 bytes): Start address to be read from
• Read size (4 bytes): Size of data to be read
• SUM (1 byte): Checksum
Response
H'52
Read size
Data
···
SUM
• Response: H'52 (1 byte): Response to memory read
• Read size (4 bytes): Size of data to be read
• Data (n bytes): Data of the read size from the read address
• SUM (1 byte): Checksum
Error Response
H'D2
ERROR
• Error response: H'D2 (1 byte): Error response to memory read
• ERROR (1 byte): Error code
H'11: Checksum error
H'2A: Address error
The read address is not in the MAT.
H'2B: Size error
The read size exceeds the MAT.
(12) User Boot MAT Sum Check
The boot program will return the total amount of bytes of the user boot MAT contents in response
to the user boot MAT sum check command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com