công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 867 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 867 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 863Page - Renesas Technology Corp H8S/2114R Datasheet HTML 864Page - Renesas Technology Corp H8S/2114R Datasheet HTML 865Page - Renesas Technology Corp H8S/2114R Datasheet HTML 866Page - Renesas Technology Corp H8S/2114R Datasheet HTML 867Page - Renesas Technology Corp H8S/2114R Datasheet HTML 868Page - Renesas Technology Corp H8S/2114R Datasheet HTML 869Page - Renesas Technology Corp H8S/2114R Datasheet HTML 870Page - Renesas Technology Corp H8S/2114R Datasheet HTML 871Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 867 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 819 of 986
REJ09B0098-0300
Command
H'58
Size
Block number
SUM
• Command, H'58 (1 byte): Erasure
• Size (1 byte): The number of characters that represents the erase-block number.
Fixed at 1.
• Block number (1 byte): Number of the block to be erased
• SUM (1 byte): Checksum
Response
H'06
• Response, H'06 (1 byte): Response to erasure
On completion of erasure, the boot program will return ACK.
Error Response
H'D8
ERROR
• Error response, H'D8 (1 byte): Response to erasure
• ERROR (1 byte): Error code
H'11: Checksum error
H'29: Block number error
Block number is incorrect.
H'51: Erasing error
An error has occurred during erasure.
On receiving block number H'FF, the boot program will stop erasure and wait for a selection
command.
Command
H'58
Size
Block number
SUM
• Command, H'58 (1 byte): Erasure
• Size (1 byte): The number of characters that represents the block number.
Fixed at 1.
• Block number (1 byte): H'FF
Stop code for erasure
• SUM (1 byte): Checksum
Response
H'06
• Response, H'06 (1 byte): Response to end of erasure (ACK will be returned)
When erasure is to be performed again after the block number H'FF has been sent, the procedure
should be executed from the erasure selection command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com