công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 858 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 858 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 854Page - Renesas Technology Corp H8S/2114R Datasheet HTML 855Page - Renesas Technology Corp H8S/2114R Datasheet HTML 856Page - Renesas Technology Corp H8S/2114R Datasheet HTML 857Page - Renesas Technology Corp H8S/2114R Datasheet HTML 858Page - Renesas Technology Corp H8S/2114R Datasheet HTML 859Page - Renesas Technology Corp H8S/2114R Datasheet HTML 860Page - Renesas Technology Corp H8S/2114R Datasheet HTML 861Page - Renesas Technology Corp H8S/2114R Datasheet HTML 862Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 858 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 810 of 986
REJ09B0098-0300
• ERROR (1 byte): Error code
H'11: Checksum error
H'24: Bit rate selection error
The rate is not available.
H'25: Input frequency error
The input frequency is not within the specified range.
H'26: Division ratio error
The division ratio does not match an available ratio.
H'27: Operating frequency error
The operating frequency is not within the specified range.
(5)
Receive Data Check
The methods for checking received data are listed below.
1. Input frequency
The received value of the input frequency is checked to ensure that it is within the range of the
minimum to maximum frequencies which are available with the clock modes of the specified
device. When the value is out of this range, an input frequency error is generated.
2. Division ratio
The received value of the division ratio is checked to ensure that it matches the division for the
clock modes of the specified device. When the value is out of this range, a division ratio error
is generated.
3. Operating frequency
Operating frequency is calculated from the received value of the input frequency and the
division ratio. The input frequency is the frequency input to the LSI, and the operating
frequency is the frequency at which the LSI is actually operated. The formula is given below.
Operating frequency = Input frequency
÷ Division ratio
The calculated operating frequency should be checked to ensure that it is within the range of
the minimum to maximum frequencies which are available with the clock modes of the
specified device. When it is out of this range, an operating frequency error is generated.
4. Bit rate
To facilitate error checking, the value (n) of clock select (CKS) in the serial mode register
(SMR), and the value (N) in the bit rate register (BRR), which are found from the peripheral
operating clock frequency (
φ) and bit rate (B), are used to calculate the error rate to ensure that
it is less than 4%. If the error is more than 4%, a bit rate selection error is generated. The error
is calculated using the following formula:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com