công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 825 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 825 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 821Page - Renesas Technology Corp H8S/2114R Datasheet HTML 822Page - Renesas Technology Corp H8S/2114R Datasheet HTML 823Page - Renesas Technology Corp H8S/2114R Datasheet HTML 824Page - Renesas Technology Corp H8S/2114R Datasheet HTML 825Page - Renesas Technology Corp H8S/2114R Datasheet HTML 826Page - Renesas Technology Corp H8S/2114R Datasheet HTML 827Page - Renesas Technology Corp H8S/2114R Datasheet HTML 828Page - Renesas Technology Corp H8S/2114R Datasheet HTML 829Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 825 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 777 of 986
REJ09B0098-0300
A single divided block is erased by one erasing processing. For block divisions, refer to figure
21.4. To erase two or more blocks, update the erase-block number and perform the erasing
processing for each block.
(a)
Select the on-chip program to be downloaded
Set the EPVB bit in FECS to 1.
Several programming/erasing programs cannot be selected at one time. If several programs are set,
download is not performed and a download error is reported to the SS bit in the DPFR parameter.
Specify the start address of the download destination by FTDAR.
The procedures to be carried out after setting FKEY, e.g. download and initialization, are the same
as those in the programming procedure. For details, see section 21.4.2 (2), Programming
Procedure in User Program Mode.
The procedures after setting parameters for erasing programs are as follows:
(b)
Set the FEBS parameter necessary for erasure
Set the erase-block number of the user MAT in the flash erase block select parameter FEBS
(general register ER0). If a value other than an erase-block number of the user MAT is set, no
block is erased even though the erasing program is executed, and an error is returned to the return
value parameter FPFR.
(c)
Erasure
Similar to as in programming, there is an entry point for the erasing program in the area from the
start address of a download destination specified by FTDAR
+ 16 bytes. The subroutine is called
and erasing is executed by using the following steps.
MOV.L
#DLTOP+16,ER2
;
Set entry address to ER2
JSR
@ER2
;
Call erasing routine
NOP
• The general registers other than R0L are saved in the erasing program.
• R0L is a return value of the FPFR parameter.
• Since the stack area is used in the erasing program, a 128-byte stack area at the maximum must
be allocated in RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com