công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 822 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 822 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 818Page - Renesas Technology Corp H8S/2114R Datasheet HTML 819Page - Renesas Technology Corp H8S/2114R Datasheet HTML 820Page - Renesas Technology Corp H8S/2114R Datasheet HTML 821Page - Renesas Technology Corp H8S/2114R Datasheet HTML 822Page - Renesas Technology Corp H8S/2114R Datasheet HTML 823Page - Renesas Technology Corp H8S/2114R Datasheet HTML 824Page - Renesas Technology Corp H8S/2114R Datasheet HTML 825Page - Renesas Technology Corp H8S/2114R Datasheet HTML 826Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 822 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 774 of 986
REJ09B0098-0300
CPU should be set to B'11 in interrupt control mode 1. This enables interrupts other than NMI to
be held and not executed.
The NMI interrupt must be masked within the user system.
The interrupts that are held must be executed after all programming processings.
When a bus master other than the CPU, such as the DTC or LPC, acquires the bus, the error-
protection state is entered. Therefore, the DTC or LPC acquiring the bus must also be prohibited.
(j)
Set H'5A in FKEY and prepare the user MAT for programming.
(k)
Set the parameters required for programming.
The start address of the programming destination of the user MAT (FMPAR) is set to general
register ER1, and the start address of the program data area (FMPDR) is set to general register
ER0.
• Example of FMPAR setting
FMPAR specifies the programming destination address. When an address other than one in the
user MAT area is specified, even if the programming program is executed, programming is not
executed and an error is returned to the return value parameter FPFR. Since the programming
unit is 128 bytes, the lower eight bits of the address must be at the 128-byte boundary of H'00
or H'80.
• Example of FMPDR setting
When the storage destination of the program data is flash memory, even if the programming
execution routine is executed, programming is not executed and an error is returned to the
FPFR parameter. In this case, the program data must be transferred to the on-chip RAM before
programming is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com