công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 820 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 820 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 816Page - Renesas Technology Corp H8S/2114R Datasheet HTML 817Page - Renesas Technology Corp H8S/2114R Datasheet HTML 818Page - Renesas Technology Corp H8S/2114R Datasheet HTML 819Page - Renesas Technology Corp H8S/2114R Datasheet HTML 820Page - Renesas Technology Corp H8S/2114R Datasheet HTML 821Page - Renesas Technology Corp H8S/2114R Datasheet HTML 822Page - Renesas Technology Corp H8S/2114R Datasheet HTML 823Page - Renesas Technology Corp H8S/2114R Datasheet HTML 824Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 820 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 772 of 986
REJ09B0098-0300
• The user MAT space is switched to the embedded program storage MAT.
• After the selection condition of the download program and the FTDAR address setting are
checked, the transfer processing to the on-chip RAM specified by FTDAR is executed.
• The SCO bit in FPCS, FECS, and FCCS is cleared to 0.
• The return value is set to the DPFR parameter.
• After the embedded program storage MAT is returned to the user MAT space, execution
returns to the user procedure program.
• In the download processing, the values of CPU general registers are retained.
• In the download processing, all interrupts are not accepted. However, interrupt requests except
for NMI are held. Therefore, when execution returns to the user procedure program, the
interrupts will occur.
• When the level-detection interrupt requests are to be held, interrupts must be input until the
download is ended.
• When hardware standby mode is entered during the download processing, normal download to
the on-chip RAM cannot be guaranteed. Therefore, download must be executed again.
• Since a stack area of 128 bytes at the maximum is used, the stack area must be allocated before
setting the SCO bit to 1.
• If a flash memory access by the DTC is requested during downloading, the operation cannot be
guaranteed. Therefore, access by the DTC must not occur.
(d)
Clear FKEY to H'00 for protection.
(e)
Check the value of the DPFR parameter to confirm the download result.
• Check the value of the DPFR parameter (single byte of start address of the download
destination specified by FTDAR). If the value is H'00, download has been performed
normally. If the value is not H'00, the source that caused download to fail can be investigated
by the description below.
• If the value of the DPFR parameter is the same as before downloading (e.g. H'FF), the address
setting of the download destination in FTDAR may be abnormal. In this case, confirm the
setting of the TDER bit in FTDAR.
• If the value of the DPFR parameter is different from before downloading, check the SS bit and
FK bit in the DPFR parameter to ensure that the download program selection and FKEY
setting were normal, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com