công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 816 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 816 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 812Page - Renesas Technology Corp H8S/2114R Datasheet HTML 813Page - Renesas Technology Corp H8S/2114R Datasheet HTML 814Page - Renesas Technology Corp H8S/2114R Datasheet HTML 815Page - Renesas Technology Corp H8S/2114R Datasheet HTML 816Page - Renesas Technology Corp H8S/2114R Datasheet HTML 817Page - Renesas Technology Corp H8S/2114R Datasheet HTML 818Page - Renesas Technology Corp H8S/2114R Datasheet HTML 819Page - Renesas Technology Corp H8S/2114R Datasheet HTML 820Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 816 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 768 of 986
REJ09B0098-0300
21.4.2
User Program Mode
The user MAT can be programmed/erased in user program mode. (The user boot MAT cannot be
programmed/erased.)
Programming/erasing is executed by downloading the program built in the microcomputer
beforehand.
The programming/erasing overview flow is shown in figure 21.9.
High voltage is applied to internal flash memory during the programming/erasing processing.
Therefore, a transition to the reset state or hardware standby mode must not be made. Doing so
may damage and destroy flash memory. If a reset is executed accidentally, the reset must be
released after a reset input period of 100
µs which is longer than normal.
When programming,
program data is prepared
Programming/erasing
procedure program is
transferred to the on-chip
RAM and executed
Programming/erasing
start
Programming/erasing
end
Make sure the program data does not overlap the download
destination specified by FTDAR.
The FWE bit is set to 1 by inputting a high level signal to the FWE
pin.
Programming/erasing can be executed only in the on-chip RAM.
However, if the program data is in a consecutive area and can be
accessed by the MOV.B instruction of the CPU like RAM or
ROM, the program data can be in an external space.
After programming/erasing is finished, input a low level signal to
the FWE pin and enter the hardware protection state.
1.
2.
3.
4.
Figure 21.9 Programming/Erasing Overview Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com