công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 812 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 812 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 808Page - Renesas Technology Corp H8S/2114R Datasheet HTML 809Page - Renesas Technology Corp H8S/2114R Datasheet HTML 810Page - Renesas Technology Corp H8S/2114R Datasheet HTML 811Page - Renesas Technology Corp H8S/2114R Datasheet HTML 812Page - Renesas Technology Corp H8S/2114R Datasheet HTML 813Page - Renesas Technology Corp H8S/2114R Datasheet HTML 814Page - Renesas Technology Corp H8S/2114R Datasheet HTML 815Page - Renesas Technology Corp H8S/2114R Datasheet HTML 816Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 812 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 764 of 986
REJ09B0098-0300
21.4
On-Board Programming
When the pins are set to on-board programming mode and the reset start is executed, a transition is
made to an on-board programming state in which the on-chip flash memory can be
programmed/erased. On-board programming mode has three operating modes: boot mode, user
program mode, and user boot mode.
For details on the pin setting for entering each mode, see table 21.5. For details of the state
transition of each mode for flash memory, see figure 21.2.
Table 21.5
On-Board Programming Mode Setting
Mode Setting
FWE
MD2
MD1
MD0
NMI
Boot mode
1
1
0
0
1
User program mode
1*
0
1
0/1
0/1
User boot mode
1
1
0
0
0
Note:
*
Before downloading a programming/erasing program, the FLSHE bit must be set to 1 to
make a transition to user program mode.
21.4.1
Boot Mode
Boot mode executes programming/erasing of the user MAT and user boot MAT by means of the
control commands and program data transmitted from the host via the on-chip SCI. The tool for
transmitting the control commands, and program data must be prepared in the host. The SCI
communication mode is set to asynchronous mode. When reset start is executed after this LSI’s
pins have been set to boot mode, the boot program built in the microcomputer beforehand is
initiated. After the SCI bit rate is automatically adjusted, communication with the host is executed
by means of control commands.
A system configuration diagram in boot mode is shown in figure 21.6. For details on the pin
settings in boot mode, see table 21.5. The NMI and other interrupts are ignored in boot mode.
However, the NMI and other interrupts should be disabled within the user system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com