công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 808 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 808 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 804Page - Renesas Technology Corp H8S/2114R Datasheet HTML 805Page - Renesas Technology Corp H8S/2114R Datasheet HTML 806Page - Renesas Technology Corp H8S/2114R Datasheet HTML 807Page - Renesas Technology Corp H8S/2114R Datasheet HTML 808Page - Renesas Technology Corp H8S/2114R Datasheet HTML 809Page - Renesas Technology Corp H8S/2114R Datasheet HTML 810Page - Renesas Technology Corp H8S/2114R Datasheet HTML 811Page - Renesas Technology Corp H8S/2114R Datasheet HTML 812Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 808 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 760 of 986
REJ09B0098-0300
Bit
Bit Name
Initial
Value
R/W
Description
4
FK
R/W
Flash Key Register Error Detect
Returns the check result of the FKEY value before the
start of the programming processing.
0: FKEY setting is normal (FKEY = H'5A)
1: FKEY setting is abnormal (FKEY = value other than
H'5A)
3
Unused
The return value is 0.
2
WD
R/W
Write Data Address Detect
When an address in the flash memory area is specified
as the start address of the storage destination of the
program data, an error occurs.
0: Setting of program data address is normal
1: Setting of program data address is abnormal
1
WA
R/W
Write Address Error Detect
When the following items are specified as the start
address of the programming destination, an error occurs.
• When the specified programming destination address
is in an area other than flash memory
• When the specified address is not at a 128-byte
boundary (the lower eight bits of the address are
other than H'00 or H'80)
0: Setting of programming destination address is normal
1: Setting of programming destination address is
abnormal
0
SF
R/W
Success/Fail
Indicates whether the programming processing has
ended normally or not.
0: Programming has ended normally (no error)
1: Programming has ended abnormally (error occurred)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com