công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 804 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 804 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 800Page - Renesas Technology Corp H8S/2114R Datasheet HTML 801Page - Renesas Technology Corp H8S/2114R Datasheet HTML 802Page - Renesas Technology Corp H8S/2114R Datasheet HTML 803Page - Renesas Technology Corp H8S/2114R Datasheet HTML 804Page - Renesas Technology Corp H8S/2114R Datasheet HTML 805Page - Renesas Technology Corp H8S/2114R Datasheet HTML 806Page - Renesas Technology Corp H8S/2114R Datasheet HTML 807Page - Renesas Technology Corp H8S/2114R Datasheet HTML 808Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 804 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 756 of 986
REJ09B0098-0300
(2)
Programming/Erasing Initialization
The on-chip programming/erasing program to be downloaded includes the initialization program.
A pulse of the specified width must be applied when programming or erasing. The specified pulse
width is made by the method in which a wait loop is configured by CPU instructions. The
operating frequency of the CPU must be set too.
The initialization program is used to set the above values as parameters of the
programming/erasing program that was downloaded.
(a)
Flash programming/erasing frequency control parameter (FPEFEQ: general register
ER0 of CPU)
This parameter sets the operating frequency of the CPU. The settable range of the operating
frequency in this LSI is 4 to 20 MHz.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16
Unused
These bits should be cleared to 0.
15 to 0
F15 to F0
R/W
Frequency Set
These bits set the operating frequency of the CPU. The
setting value must be calculated with the following
procedure.
1. The operating frequency shown in MHz units must be
rounded off to two decimals.
2. The value multiplied by 100 is converted to the
hexadecimal numeral and written to the FPEFEQ
parameter (general register ER0).
For example, when the operating frequency of the CPU
is 20.000 MHz, the setting value is as follows:
1. 20.000 is rounded off to two decimals, thus becoming
20.00.
2. The formula of 20.00
× 100 = 2000 is converted to
the hexadecimal numeral and H'07D0 is set to ER0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com