công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 806 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 806 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 802Page - Renesas Technology Corp H8S/2114R Datasheet HTML 803Page - Renesas Technology Corp H8S/2114R Datasheet HTML 804Page - Renesas Technology Corp H8S/2114R Datasheet HTML 805Page - Renesas Technology Corp H8S/2114R Datasheet HTML 806Page - Renesas Technology Corp H8S/2114R Datasheet HTML 807Page - Renesas Technology Corp H8S/2114R Datasheet HTML 808Page - Renesas Technology Corp H8S/2114R Datasheet HTML 809Page - Renesas Technology Corp H8S/2114R Datasheet HTML 810Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 806 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 758 of 986
REJ09B0098-0300
For details on the programming procedure, see section 21.4.2, User Program Mode.
(a)
Flash multipurpose address area parameter (FMPAR: general register ER1 of CPU)
This parameter stores the start address of the programming destination on the user MAT.
When the address in an area other than the flash memory space is set, an error occurs.
The start address of the programming destination must be at the 128-byte boundary. If this
boundary condition is not satisfied, an error occurs. The error occurrence is indicated by the WA
bit (bit 1) in the FPFR parameter.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
MOA31 to
MOA0
R/W
These bits store the start address of the programming
destination on the user MAT. Consecutive 128-byte
programming is executed starting from the specified start
address of the user MAT.
Therefore, the specified programming start address
becomes a 128-byte boundary and the MOA6 to MOA0
bits are always 0.
(b)
Flash multipurpose data destination area parameter (FMPDR: general register ER0 of
CPU)
This parameter stores the start address of the area which stores the data to be programmed in the
user MAT. When the storage destination of the program data is in flash memory, an error occurs.
The error occurrence is indicated by the WD bit in the FPFR parameter.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
MOD31 to
MOD0
R/W
These bits store the start address of the area which
stores the program data for the user MAT. Consecutive
128-byte data is programmed to the user MAT starting
from the specified start address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com