công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 805 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 805 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 801Page - Renesas Technology Corp H8S/2114R Datasheet HTML 802Page - Renesas Technology Corp H8S/2114R Datasheet HTML 803Page - Renesas Technology Corp H8S/2114R Datasheet HTML 804Page - Renesas Technology Corp H8S/2114R Datasheet HTML 805Page - Renesas Technology Corp H8S/2114R Datasheet HTML 806Page - Renesas Technology Corp H8S/2114R Datasheet HTML 807Page - Renesas Technology Corp H8S/2114R Datasheet HTML 808Page - Renesas Technology Corp H8S/2114R Datasheet HTML 809Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 805 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 757 of 986
REJ09B0098-0300
(b)
Flash pass/fail result parameter (FPFR: general register R0L of CPU)
This parameter indicates the return value of the initialization result.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 2
Unused
The return value is 0.
1
FQ
R/W
Frequency Error Detect
Returns the check result whether the specified CPU
operating frequency is in the range of the supported
operating frequency.
0: Setting of operating frequency is normal
1: Setting of operating frequency is abnormal
0
SF
R/W
Success/Fail
Indicates whether initialization has ended normally or
not.
0: Initialization has ended normally (no error)
1: Initialization has ended abnormally (error occurred)
(3)
Programming Execution
When flash memory is programmed, the programming destination address on the user MAT must
be passed to the programming program in which the program data has been downloaded.
1. The start address of the programming destination on the user MAT must be set in general
register ER1. This parameter is called the flash multipurpose address area parameter
(FMPAR).
Since the program data is always in 128-byte units, the lower eight bits (A7 to A0) must be
H'00 or H'80 as the boundary of the programming start address on the user MAT.
2. The program data for the user MAT must be prepared in a consecutive area. The program data
must be in the consecutive space that can be accessed by using the MOV.B instruction of the
CPU and in an address space other than flash memory.
When data to be programmed does not satisfy 128 bytes, 128-byte program data must be
prepared by filling in the dummy code H'FF.
The start address of the area in which the prepared program data is stored must be set in
general register ER0. This parameter is called the flash multipurpose data destination area
parameter (FMPDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com