công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 803 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 803 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 799Page - Renesas Technology Corp H8S/2114R Datasheet HTML 800Page - Renesas Technology Corp H8S/2114R Datasheet HTML 801Page - Renesas Technology Corp H8S/2114R Datasheet HTML 802Page - Renesas Technology Corp H8S/2114R Datasheet HTML 803Page - Renesas Technology Corp H8S/2114R Datasheet HTML 804Page - Renesas Technology Corp H8S/2114R Datasheet HTML 805Page - Renesas Technology Corp H8S/2114R Datasheet HTML 806Page - Renesas Technology Corp H8S/2114R Datasheet HTML 807Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 803 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 755 of 986
REJ09B0098-0300
Bit
Bit Name
Initial
Value
R/W
Description
7 to 3
Unused
The return value is 0.
2
SS
R/W
Source Select Error Detect
Only one type can be specified for the on-chip program
that can be downloaded. When more than two types of
programs are selected, the program is not selected, or
the program is selected without mapping, an error
occurs.
0: Download program selection is normal
1: Download error has occurred (multi-selection or
program which is not mapped is selected)
1
FK
R/W
Flash Key Register Error Detect
Returns the check result whether the FKEY value is set
to H'A5.
0: FKEY setting is normal (FKEY = H'A5)
1: FKEY setting is abnormal (FKEY = value other than
H'A5)
0
SF
R/W
Success/Fail
Returns the result whether download has ended
normally or not. Determines the result whether the
program was correctly downloaded to the on-chip RAM
by way of the confirming reading of it.
0: Download to on-chip program has ended normally (no
error)
1: Download to on-chip program has ended abnormally
(error occurred)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com