công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 799 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 799 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 795Page - Renesas Technology Corp H8S/2114R Datasheet HTML 796Page - Renesas Technology Corp H8S/2114R Datasheet HTML 797Page - Renesas Technology Corp H8S/2114R Datasheet HTML 798Page - Renesas Technology Corp H8S/2114R Datasheet HTML 799Page - Renesas Technology Corp H8S/2114R Datasheet HTML 800Page - Renesas Technology Corp H8S/2114R Datasheet HTML 801Page - Renesas Technology Corp H8S/2114R Datasheet HTML 802Page - Renesas Technology Corp H8S/2114R Datasheet HTML 803Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 799 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 751 of 986
REJ09B0098-0300
• Flash MAT Select Register (FMATS)
FMATS specifies whether the user MAT or user boot MAT is selected.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
MS7
MS6
MS5
MS4
MS3
MS2
MS1
MS0
0/1*
0
0/1*
0
0/1*
0
0/1*
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
MAT Select
The user MAT is selected when a value other than H'AA
is written, and the user boot MAT is selected when H'AA
is written. The MAT is switched by writing a value in
FMATS. When the MAT is switched, follow section 21.6,
Switching between User MAT and User Boot MAT. (The
user boot MAT cannot be programmed in user program
mode even if the user boot MAT is selected by FMATS.
The user boot MAT must be programmed in boot mode
or programmer mode.)
H'AA: User boot MAT is selected (user MAT is selected
when the value of these bits is other than H'AA).
Initial value when initiated in user boot mode.
H'00: Initial value when initiated in a mode except for
user boot mode (user MAT is selected)
[Programmable condition]
In the execution state in the on-chip RAM
Note:
*
Set to 1 in user boot mode, otherwise cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com