công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 800 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 800 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 796Page - Renesas Technology Corp H8S/2114R Datasheet HTML 797Page - Renesas Technology Corp H8S/2114R Datasheet HTML 798Page - Renesas Technology Corp H8S/2114R Datasheet HTML 799Page - Renesas Technology Corp H8S/2114R Datasheet HTML 800Page - Renesas Technology Corp H8S/2114R Datasheet HTML 801Page - Renesas Technology Corp H8S/2114R Datasheet HTML 802Page - Renesas Technology Corp H8S/2114R Datasheet HTML 803Page - Renesas Technology Corp H8S/2114R Datasheet HTML 804Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 800 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 752 of 986
REJ09B0098-0300
• Flash Transfer Destination Address Register (FTDAR)
FTDAR specifies the on-chip RAM address where an on-chip program is downloaded. This
register must be specified before setting the SCO bit in FCCS to 1.
Bit
Bit Name
Initial
Value
R/W
Description
7
TDER
0
R/W
Transfer Destination Address Setting Error
This bit is set to 1 when the address specified by bits
TDA6 to TDA0, which is the start address where an on-
chip program is downloaded, is over the range. Whether
or not the address specified by bits TDA6 to TDA0 is
within the range of H'00 to H'03 is determined when an
on-chip program is downloaded by setting the SCO bit in
FCCS to 1. Make sure that this bit is cleared to 0 and the
value specified by bits TDA6 to TDA0 is within the range
of H'00 to H'03 before setting the SCO bit to 1.
0:
The value specified by bits TDA6 to TDA0 is within
the range.
1:
The value specified by bits TDA6 to TDA0 is over the
range (H'04 to H'7F) and download is stopped.
6
5
4
3
2
1
0
TDA6
TDA5
TDA4
TDA3
TDA2
TDA1
TDA0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Transfer Destination Address
Specifies the start address where an on-chip program is
downloaded. A value of H'00 can be specified as the
download start address in the on-chip RAM.
H'00: H'FFD080 is specified as the download start
address.
H'01: H'FFD880 is specified as the download start
address.
H'02: H'FFE080 is specified as the download start
address.
H'03 to H'7F: Setting prohibited. Specifying this value
sets the TDER bit to 1 during downloading
and stops the download.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com