công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 795 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 795 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 791Page - Renesas Technology Corp H8S/2114R Datasheet HTML 792Page - Renesas Technology Corp H8S/2114R Datasheet HTML 793Page - Renesas Technology Corp H8S/2114R Datasheet HTML 794Page - Renesas Technology Corp H8S/2114R Datasheet HTML 795Page - Renesas Technology Corp H8S/2114R Datasheet HTML 796Page - Renesas Technology Corp H8S/2114R Datasheet HTML 797Page - Renesas Technology Corp H8S/2114R Datasheet HTML 798Page - Renesas Technology Corp H8S/2114R Datasheet HTML 799Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 795 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 747 of 986
REJ09B0098-0300
Bit
Bit Name
Initial
Value
R/W
Description
4
FLER
0
R
Flash Memory Error
Indicates an error has occurred during programming or
erasing flash memory. When this bit is set to 1, flash
memory enters the error-protection state. In case this bit
is set to 1, high voltage is applied to the internal flash
memory. To reduce the damage to flash memory, the
reset must be released after a reset period of 100
µs
which is longer than normal.
0: Flash memory operates normally.
Programming/erasing protection (error protection) for
flash memory is invalid.
[Clearing condition]
• At a reset or in hardware standby mode
1: An error occurs during programming/erasing flash
memory.
Programming/erasing protection (error protection) for
flash memory is valid.
[Setting conditions]
• When an interrupt, such as NMI, occurs during
programming/erasing flash memory.
• When flash memory is read during
programming/erasing flash memory (including a
vector read or an instruction fetch).
• When the SLEEP instruction is executed during
programming/erasing flash memory (including
software standby mode)
• When a bus master other than the CPU, such as the
DTC or LPC, gets bus mastership during
programming/erasing flash memory.
3 to 1
All 0
R/W
Reserved
The initial value should not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com