công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 791 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 791 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 787Page - Renesas Technology Corp H8S/2114R Datasheet HTML 788Page - Renesas Technology Corp H8S/2114R Datasheet HTML 789Page - Renesas Technology Corp H8S/2114R Datasheet HTML 790Page - Renesas Technology Corp H8S/2114R Datasheet HTML 791Page - Renesas Technology Corp H8S/2114R Datasheet HTML 792Page - Renesas Technology Corp H8S/2114R Datasheet HTML 793Page - Renesas Technology Corp H8S/2114R Datasheet HTML 794Page - Renesas Technology Corp H8S/2114R Datasheet HTML 795Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 791 / 1038 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev. 3.00 Jul. 14, 2005 Page 743 of 986
REJ09B0098-0300
1. Selection of on-chip program to be downloaded
For programming/erasing execution, set the FLSHE bit in STCR to 1 to make a transition to
user program mode.
This LSI has programming/erasing programs that can be downloaded to the on-chip RAM. The
on-chip program to be downloaded is selected by setting the corresponding bits in the
programming/erasing interface register. The address of the download destination is specified
by the flash transfer destination address register (FTDAR).
2. Download of on-chip program
The on-chip program is automatically downloaded by setting the flash key code register
(FKEY) and the SCO bit in the flash code control status register (FCCS), which are
programming/erasing interface registers.
The flash memory MAT is replaced with the embedded program storage MAT during
downloading. Since the flash memory cannot be read during programming/erasing, the
procedure program that executes download to completion of programming/erasing must be
executed in a space other than flash memory (for example, on-chip RAM).
Since the result of download is returned to the programming/erasing interface parameter,
whether download has succeeded or not can be confirmed.
3. Initialization of programming/erasing
Set the operating frequency before execution of programming/erasing. This setting is
performed by using the programming/erasing interface parameter.
4. Execution of programming/erasing
For programming/erasing execution, set the FLSHE bit in STCR and the FWE pin to 1 to make
a transition to user program mode.
The program data/programming destination address is specified in 128-byte units for
programming. The block to be erased is specified in erase-block units for erasing.
Make these specifications by using the programming/erasing interface parameter, and then
initiate the on-chip program. The on-chip program is executed by using the JSR or BSR
instruction to execute the subroutine call of the specified address in the on-chip RAM. The
execution result is returned to the programming/erasing interface parameter.
The area to be programmed must be erased in advance when programming flash memory. All
interrupts must be disabled during programming and erasing. Interrupts must be masked within
the user system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com